Electronic Components Datasheet Search
  English  ▼

X  

ACE5372 Datasheet(PDF) 22 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 22 Page - ACE Technology Co., LTD.

Back Button ACE5372_14 Datasheet HTML 18Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 19Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 20Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 21Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 22Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 23Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 24Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 25Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 26Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
ACE5372
Low Power Real-Time Clock (RTC)
VER 1.4
22
Example of Calculations
1) When oscillation frequency = 32770kHz; target frequency = 32768kHz
Adjustment value = (32770-32768+0.1)/(32770*2/(32768*20))
=(32770-32768)*10+1=21
Set (F6,F5,F4,F3,F2,F1,F0)=(0,0,1,0,1,0,1)
2) When oscillation frequency =32762kHz; target frequency = 32768kHz
Adjustment value =(32762-32768)/(32762*2/(32768*20))
= (32762-32768)*10=-60
To express –60 in 7bi binary digits with sign bit ( two’s compliment)
Subtract 60(3Ch) from 128(80h) in the above case, 80h-3Ch=44h
Thus set (F6,F5,F4,F3,F2,F1,F0)=(1,0,0,0,1,0,0)
After adjustment, adjustment error against the target frequency will the approx. ±1.5ppm at a room
temperature.
Notice:
1) Clock frequency output from the
INTRB pin will change after adjustment by the clock adjustment circuit.
2) Adjustment range:
A)When oscillation frequency is higher than target frequency, the range of adjustment values is (F6,F5,F4,F3,F2,F1,
F0)=(0,0,0,0,0,0,1)to (0,1,1,1,1,1,1) and actual adjustable amount shall be -3.05ppm to –189.2ppm (-3.125ppm
to 193.7ppm for 32000Hz crystal).
B) When oscillation frequency is lower than target frequency, the range of adjustment values is (F6,F5,F4,F3,F2,F1,
F0)=(1,1,1,1,1,1,1)to(1,0,0,0,0,1,0)and actual adjustable amount shall be 3.05ppm to 189.2ppm (3.125ppm
to 193.7ppm for 32000Hz crystal)
Output Waveforms
The following three output waveforms can be output from the
INTRA (INTRB) pin.
1)Alarm interrupt
When a registered time for alarm (such as day-of-the-week, hour or minute) coincide with calendar
counter (such as day-of-the-week, hour or minute) interrupt to the CPU are requested with the output pin
being on “L”. Alarm interrupt consists of Alarm_A and Alarm_B, both have equivalent functions.
2)Periodic interrupt
Outputs an output waveform selected by setting the periodic interrupt frequency select bit. Waveforms
include pulse mode and level mode.
3)32KHz clock output
Clock pulses generated in the oscillation circuit are output as they are.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com