Electronic Components Datasheet Search
  English  ▼

X  

ACE5372 Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE5372_14 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ACE5372
Low Power Real-Time Clock (RTC)
VER 1.4
5
Alarm function and Periodic Interrupt
Alarm Function:
The ACE5372 has an alarm function that outputs an interrupt signal from
 INTRA or INTRB output pins
to the CPU when the day of the week, hour or minute corresponds to the setting.
These two systems of
alarms (ALARM-A, ALARM-B), each may output interrupt signal separately at a specific time. The alarm
may be selectable between on and off for each day of the week, thus allowing outputting alarm everyday
or on a specific day of the week. The ALARM-A is output from the
INTRA pin while the ALARM-B is
output from either the
INTRA or theINTRB pins. Polling is possible separately for each alarm function.
Periodic Interrupt:
The ACE5372 can output periodic interrupt pulses in addition to alarm function from the
INTRA
and
INTRB pins. This frequency may be selected from 2Hz, 1Hz, 1/60Hz, 1/3600Hz and monthly by
controlling register (at lower 3 bits of internal address EH) output selectively.
Output waveform for periodic interrupt may be selected from regular pulse waveform (2Hz and 1Hz) and
waveforms (every second, every minute, every hour and every month) that are appropriate for CPU level
Oscillation Halt Sensing
The oscillation halt sending function uses a register (XSTP bit at internal address FH) to store oscillation
halt information. This function may be used to determine if the ACE 5372 supply power has been booted
from 0V and if it has been backed up. This function is useful for determining if clock data is valid or invalid.
Clock Output
The ACE5372 may output oscillation frequency from INTRB pin. This clock output is set for output by
default, which is set to on or off by setting the register (internal address FH bit CLEN). It can also choose
different crystal oscillator (32.768KHz or 32.000KHz) by setting the register (internal address 7H at bit
XSL), and output clock pulses with two different frequencies.
Registers
1. Clock Counter ( at internal address 0-2H )
*Time digit display ( in BCD code )
Second digits: Range from 00 to 59 and carried to minute digits when incremented from 59 to 00.
Minute digits: Range from 00 to 59 and carried to hour digits when incremented from 59 to 00.
Hour digits: See descriptions on the
12/24 bit (Section 7). Carried to day and day-of-the week digits
when incremented from 11 p.m. to 12 a.m. or 23 to 00.
Any registered imaginary time should be replaced with correct time as carrying to such registered
imaginary time digits from lower-order ones cause the clock counter malfunction.
Second digit register ( at internal address 0H)
D7
D6
D5
D4
D3
D2
D1
D0
Operation
-
S40
S20
S10
S8
S4
S2
S1
Write
0
S40
S20
S10
S8
S4
S2
S1
Read
0
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com