Electronic Components Datasheet Search
  English  ▼

X  

ACE5372 Datasheet(PDF) 15 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 15 Page - ACE Technology Co., LTD.

Back Button ACE5372_14 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 15Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 16Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 17Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 18Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 19Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
ACE5372
Low Power Real-Time Clock (RTC)
VER 1.4
15
Transmission System of Interface
Communication protocol determines: circuits in the equipment which sends data through SDA bus are
regarded as emitters, contrarily, circuits in the equipment which receives data through SDA bus are
regarded as receivers. Master equipment and master circuit control data transmission; Slave circuit is
controlled.
Typical System Bus Structure
Data Validity Protocol
Data transmission protocol determines: Transmit one bit data in every clock cycle. SDA must be kept at
a certain state while SCL is at the “H” state as shown below during data transmission.
Start and stop conditions
The SCL and SDA pins are at the “H” level when no data transmission is made. Changing the SDA from
“H” to “L” when the SCL and the SDA are “H” activates the start condition and access is started. Changing
the SDA from “L” to “H” when the SCL is “H” activates stop condition and accessing stopped.
Start and stop conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com