Electronic Components Datasheet Search
  English  ▼

X  

ACE5372 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5372_14 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
ACE5372
Low Power Real-Time Clock (RTC)
VER 1.4
1
Description
The ACE5372 is a CMOS type real-time clock, which is connected to the CPU via two wires and capable
of serial transmission of clock to the CPU. The ACE5372 can generate various periodic interrupt clock
pulses lasting for long period (one month), and alarm interrupt can be made by two incorporated systems.
Since an oscillation circuit is driven at a constant voltage, it undergoes fluctuations of few voltage and
consequently offers low current consumption (TYP. 400nA @ 5V)
It also provides an oscillator halt sensing function applicable for data validation at power-on and other
occasions. The product also incorporates a time trimming circuit that adjusts the clock with higher
precision by adjusting any errors in crystal oscillator frequencies based on signals from the CPU. The
crystal oscillator may be selected from 32KHz or 32.768KHz types.
Features
• Lowest supply current: 400nA Typ.@5V
• Connected to the CPU via only 2-wires (MAX. 100KHz)
• A clock counter (counting hours. Minutes. and seconds) and a calendar counter (counting leap years,
years, months, days, and days of the week) in BCD codes.
• Two system output of alarm functions
• Oscillation halt sensing to judge internal data validity
• Clock output of 32.768KHz (32KHz) (output controllable via a register)
• Second digit adjustment by ±30 seconds
• Automatic leap year recognition up to the year 2099
• 12-hour or 24-hour time display selectable
• High precision time trimming circuit
• Oscillator of 32.768KHz or 32KHz may be used
• CMOS logic
Packaging Type
SOP-8
TSSOP-8
SOP-8 / TSSOP-8
Description
Function
Value
In/Out
1
INTRB
Interrupt Output B
0~12V
Out
2
SCL
Serial Clock Line
0~5.5V
In
3
SDA
Serial Data Line
0~5.5V
In/Out
4
GND
Ground Power
0V
Power
5
INTRA
Interrupt Output A
0~12V
Out
6
OSCOUT
Oscillator Circuit Output
0~1.5V
Out
7
OSCIN
Oscillator Circuit Input
0~1.5V
IN
8
VDD
Supply Voltage
1.8~5.5V
Power
1
8
2
7
3
6
4
5
1
8
2
7
3
6
4
5


Similar Part No. - ACE5372_14

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE5372 ACE-ACE5372_11 Datasheet
939Kb / 31P
Low Power Real-Time Clock (RTC)
VER 1.3
More results

Similar Description - ACE5372_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8572A NSC-DP8572A Datasheet
367Kb / 22P
Real Time Clock (RTC)
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
Real Time Clock (RTC)
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
Real-Time Clock RTC
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
Real-Time Clock RTC
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
Real-Time Clock (RTC)
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
REAL-TIME CLOCK (RTC)
logo
ACE Technology Co., LTD...
ACE5372 ACE-ACE5372 Datasheet
305Kb / 29P
Low Power Real-Time Clock (RTC)
VER 1.2
ACE5372 ACE-ACE5372_11 Datasheet
939Kb / 31P
Low Power Real-Time Clock (RTC)
VER 1.3
logo
Texas Instruments
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
Real-Time Clock (RTC)
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com