Electronic Components Datasheet Search
  English  ▼

X  

ACE5372 Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE5372_14 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ACE5372
Low Power Real-Time Clock (RTC)
VER 1.4
8
For example, when 32.768KHz crystal is used. When (F6, F5, F4, F3, F2, F1, F0) are set to
(0,1, 0, 1,
0, 0,1), counts will change as: 32768+(41-1)*2=32848(clock will be delayed) when second digit is 00, 20,
or 40.When (F6, F5, F4, F3, F2, F1, F0) are set to (0, 0, 0, 0, 0, 0, 1), counts will remain 32,768 without
changing when second digit is 00, 20, or 40. When (F6, F5, F4, F3, F2, F1, F0) are set to (1,1,0,1,0,0,1),
counts will change as: 32768+(-23+1)*2=32724 (clock will be advanced) when second digit is 00, 20, or
40.
Adding 2 clock pulses every 20 seconds: 2/ ( 32768*20 ) =3.051ppm (or 3.125ppm when
32.000KHZcrystal is used), delays the clock by approx. 3ppm. Likewise, decrementing 2 clock pulses
advances the clock by 3ppm. Thus the clock may be adjusted to the precision of±1.5ppm. Note that the
time trimming function only adjusts clock timing and oscillation frequency but 32.768KHz clock output is
not adjusted.
5. Alarm Register (Alarm-A : internal address 8-AH; Alarm-B : internal address B-DH)
Alarm-A minute register (at internal address 8H)
D7
D6
D5
D4
D3
D2
D1
D0
Operation
-
AM40
AM20
AM10
AM8
AM4
AM2
AM1
Write
0
AM40
AM20
AM10
AM8
AM4
AM2
AM1
Read
0
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Default
Alarm-B minute register (at internal address BH)
D7
D6
D5
D4
D3
D2
D1
D0
Operation
-
BM40
BM20
BM10
BM8
BM4
BM2
BM1
Write
0
BM40
BM10
BM10
BM8
BM4
BM2
BM1
Read
0
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Default
Alarm-A hour register (at internal address 9H)
D7
D6
D5
D4
D3
D2
D1
D0
Operation
-
-
AH20,AP/
A
AH10
AH8
AH4
AH2
AH1
Write
0
-
AH20,AP/
A
AH10
AH8
AH4
AH2
AH1
Read
0
0
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Default
Alarm-B hour register (at internal address CH)
D7
D6
D5
D4
D3
D2
D1
D0
Operation
-
-
BH20,BP/
A
BH10
BH8
BH4
BH2
BH1
Write
0
0
BH20,BP/
A
BH10
BH8
BH4
BH2
BH1
Read
0
0
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com