Electronic Components Datasheet Search
  English  ▼

X  

XC6503 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6503
Description  CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6503 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6503 Datasheet HTML 1Page - Torex Semiconductor XC6503 Datasheet HTML 2Page - Torex Semiconductor XC6503 Datasheet HTML 3Page - Torex Semiconductor XC6503 Datasheet HTML 4Page - Torex Semiconductor XC6503 Datasheet HTML 5Page - Torex Semiconductor XC6503 Datasheet HTML 6Page - Torex Semiconductor XC6503 Datasheet HTML 7Page - Torex Semiconductor XC6503 Datasheet HTML 8Page - Torex Semiconductor XC6503 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
XC6503Series
ETR0346-008
■
GENERAL DESCRIPTION
The XC6503 series is a 500mA high speed CMOS LDO regulator that can provide stable output voltages even without a load
capacitor CL. The devices are available in fixed output voltage from 1.2V to 5.0V in 0.05V increments
The CL capacitor-less is possible because phase compensation is carried out internally unlike other LDOs where it is done
externally. It results in saving board design space. The current limit fold-back circuit and thermal shutdown circuit work as
protection circuit. The XC6503P is a 3-Terminal regulator and the XC6503D has a chip enable function, which enables the
entire circuit to be turned off by a low level input signal to the CE pin.
When a CL capacitor is used, the IC can discharge the electric charge stored at the output capacitor through the internal switch
while in standby state, and as a result the VOUT quickly returns to the VSS level.
■
FEATURES
■
APPLICATIONS
1/26
●
Smart phones / Mobile phones
Maximum Output Current
:
500mA
Input Voltage Range
:
1.7V ~ 6.0V
●
Portable game consoles
●
Modules (wireless, cameras,etc.)
1.2V ~ 5.0V (0.05V
increments)
Output Voltage Range
:
●
Bluetooth modules
Output Accuracy
:
±1.0% (2.0V~5.0V)
●
Digital TV tuner modules
±20mV (1.2V~1.95V)
Temperature Stability
±30ppm/℃
:
=2.8V, I
Dropout Voltage
:
190mV@VOUT
OUT =300mA
Low Power Consumption
15μA (TYP.), 0.1μA (in standby)
:
=2.8V
High PSRR
55dB@1kHz, V
:
OUT
Protection Current
Current Limiter (630mA TYP.)
:
Short-circuit Protection
Thermal Shutdown
Capacitor-Less
Internal Phase Compensation
C
:
L
Operating Ambient Temperature
:
-40℃~+85℃
Packages
:
USP-4, SOT-25, SOT-89-5 (XC6503D)
SOT-89 (XC6503P)
Environmentally Friendly
EU RoHS Compliant, Pb Free
:
■
TYPICAL PERFORMANCE
■
TYPICAL APPLICATION CIRCUIT
CHARACTERISTICS
X C6503x281xx
0
50
100
150
200
250
300
Time : 40μs/div
1.6
1.9
2.2
2.5
2.8
3.1
3.4
OutputCurrent
VIN=3.8V, tr=tf=5μs, IOUT=10⇔150mA, Ta=25℃
         CL=0.1μF(ceramic)
         without C
L
OutputVoltage


Similar Part No. - XC6503

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501 TOREX-XC6501 Datasheet
527Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A1217R-G TOREX-XC6501A1217R-G Datasheet
527Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GL TOREX-XC6501A121GL Datasheet
497Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GR TOREX-XC6501A121GR Datasheet
497Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC6503

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501 TOREX-XC6501_1 Datasheet
527Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6504 TOREX-XC6504 Datasheet
1Mb / 32P
0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
XC6505 TOREX-XC6505 Datasheet
793Kb / 24P
Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
LR9203 UTC-LR9203 Datasheet
238Kb / 9P
CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
logo
Jingjing Microelectroni...
EG6501 EGMICRO-EG6501 Datasheet
731Kb / 10P
Low output capacity, low power consumption, high speed LDO voltage regulator
logo
Shenzhen Huazhimei Semi...
HM6202 HMSEMI-HM6202 Datasheet
1,005Kb / 5P
No capacitor CL low power current LDO linear regulator
HM6215 HMSEMI-HM6215_17 Datasheet
897Kb / 7P
Low Consumption Current High PSRR 500mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com