Electronic Components Datasheet Search
  English  ▼

X  

XC6503 Datasheet(PDF) 22 Page - Torex Semiconductor

Part # XC6503
Description  CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6503 Datasheet(HTML) 22 Page - Torex Semiconductor

Back Button XC6503 Datasheet HTML 18Page - Torex Semiconductor XC6503 Datasheet HTML 19Page - Torex Semiconductor XC6503 Datasheet HTML 20Page - Torex Semiconductor XC6503 Datasheet HTML 21Page - Torex Semiconductor XC6503 Datasheet HTML 22Page - Torex Semiconductor XC6503 Datasheet HTML 23Page - Torex Semiconductor XC6503 Datasheet HTML 24Page - Torex Semiconductor XC6503 Datasheet HTML 25Page - Torex Semiconductor XC6503 Datasheet HTML 26Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
XC6503 Series
■
PACKAGING INFORMATION (Continued)
●
SOT-25 Power Dissipation
Power dissipation data for the SOT-25 is shown in this page.
22/26
The value of power dissipation varies with the mount board conditions.
評価基板レイアウト(単位:mm)
Evaluation Board (Unit: mm)
Please use this data as one of reference data taken in the described condition.
1.
Measurement Condition (Reference data)
Condition:
Mount on a board
Ambient:
Natural convection
Soldering:
Lead (Pb) free
2
Board:
Dimensions 40 x 40 mm (1600 mm in one side)
Copper (Cu) traces occupy 50% of the board area
In top and back faces
Package heat-sink is tied to the copper traces
(Board of SOT-26 is used.)
Material:
Glass Epoxy (FR-4)
Thickness:
1.6 mm
Through-hole:
4 x 0.8 Diameter
2. Power Dissipation vs. Ambient temperature
Board Mount (Tj max = 125℃)
Ambient Temperature(℃)
Power Dissipation Pd(mW)
Thermal Resistance (℃/W)
25
600
85
240
166.67
Pd-Ta特性グラフ
0
100
200
300
400
500
600
700
25
45
65
85
105
125
周辺温度Ta(℃)
Pd vs. Ta
Ambient Temperature: Ta (℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com