Electronic Components Datasheet Search
  English  ▼

X  

XC6503 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6503
Description  CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6503 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6503 Datasheet HTML 1Page - Torex Semiconductor XC6503 Datasheet HTML 2Page - Torex Semiconductor XC6503 Datasheet HTML 3Page - Torex Semiconductor XC6503 Datasheet HTML 4Page - Torex Semiconductor XC6503 Datasheet HTML 5Page - Torex Semiconductor XC6503 Datasheet HTML 6Page - Torex Semiconductor XC6503 Datasheet HTML 7Page - Torex Semiconductor XC6503 Datasheet HTML 8Page - Torex Semiconductor XC6503 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2/26
XC6503 Series
■
PIN CONFIGURATION
*The dissipation pad for the USP-4 package should be solder-plated in reference mount pattern and metal masking so as to enhance mounting
strength and heat release. If the pad needs to be connected to other pins, it should be connected to the VSS (No. 2) pin.
■
PIN ASSIGNMENT
PIN NUMBER
USP-4
SOT-25
SOT89-5
SOT-89
PIN NAME
FUNCTIONS
4
1
4
3
VIN
Power Input
1
5
5
1
VOUT
Output
2
2
2
2
VSS
Ground
3
3
3
-
CE
ON/OFF Control
-
4
1
-
NC
No Connection
■
PIN FUNCTION ASSIGNMENT
XC6503 Series (D Type)
PIN NAME
LOGIC
IC OPERATION
L
Operation OFF
H
Operation ON
CE
OPEN
Operation OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com