Electronic Components Datasheet Search
  English  ▼

X  

XC6503 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6503
Description  CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6503 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6503 Datasheet HTML 1Page - Torex Semiconductor XC6503 Datasheet HTML 2Page - Torex Semiconductor XC6503 Datasheet HTML 3Page - Torex Semiconductor XC6503 Datasheet HTML 4Page - Torex Semiconductor XC6503 Datasheet HTML 5Page - Torex Semiconductor XC6503 Datasheet HTML 6Page - Torex Semiconductor XC6503 Datasheet HTML 7Page - Torex Semiconductor XC6503 Datasheet HTML 8Page - Torex Semiconductor XC6503 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
XC6503 Series
■
BLOCK DIAGRAMS
* Diodes inside the circuits are ESD protection diodes and parasitic diodes.
■
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
V
V
4/26
IN
SS-0.3~VSS+6.5
V
(*1)
Output Current
I
850
mA
OUT
Output Voltage
V
V
OUT
SS-0.3~VIN+0.3≦VSS+6.5
V
CE Input Voltage
V
V
CE
SS-0.3~VSS+6.5
V
USP-4
120
SOT-25
250
SOT-89-5
500
Power Dissipation
Pd
mW
500
SOT-89
USP-4
1000
SOT-25
600
SOT-89-5
1300
Power Dissipation
(*2)
(PCB mounted)
Pd
mW
1000
SOT-89
Operating Ambient Temperature
Topr
-40~+85
℃
Storage Temperature
Tstg
-55~+125
℃
-V
)
×I
(*1) Pd>(VIN OUT
OUT
(*2) The power dissipation measured with the test board condition is listed as reference data. Please refer to page 21~24 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com