Electronic Components Datasheet Search
  English  ▼

X  

XC6503 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6503
Description  CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6503 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6503 Datasheet HTML 1Page - Torex Semiconductor XC6503 Datasheet HTML 2Page - Torex Semiconductor XC6503 Datasheet HTML 3Page - Torex Semiconductor XC6503 Datasheet HTML 4Page - Torex Semiconductor XC6503 Datasheet HTML 5Page - Torex Semiconductor XC6503 Datasheet HTML 6Page - Torex Semiconductor XC6503 Datasheet HTML 7Page - Torex Semiconductor XC6503 Datasheet HTML 8Page - Torex Semiconductor XC6503 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/26
XC6503
Series
■
ELECTRICAL CHARACTERISTICS
●
XC6503D Type
Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUITS
2.0V>VOUT(T)
(*3), VCE=VIN, IOUT=10mA
-
0.02
(*4)
+
0.02
(*4)
Output Voltage
VOUT(E)
(*2)
2.0V≦VOUT(T), VCE=VIN, IOUT=10mA
×0.99
(*4)
VOUT(T)
×1.01
(*4)
V
①
Maximum Output
Current
IOUTMAX
VCE=VIN
500
-
-
mA
①
Load Regulation
ΔVOUT
VCE=VIN, 0.1mA≦IOUT≦300mA
-
20
50
mV
①
Dropout Voltage
(*5)
Vdif
VCE=VIN , IOUT=300mA
-
E-1
(*8)
mV
①
Supply Current
ISS
VIN=VCE=6.0V, IOUT=0mA
-
15
30
μ
A
②
Stand-by Current
ISTB
B
VIN=6.0V, VCE=VSS
-
0.01
0.1
μ
A
②
Line Regulation
ΔVOUT/
(ΔVIN・VOUT)
VOUT(T)+0.5V≦VIN≦6.0V,
VCE=VIN, IOUT=30mA
-
E-2
(*9)
%/V
①
Input Voltage
VIN
1.7
-
6.0
V
①
Output Voltage
Temperature
Characteristics
ΔVOUT/
(ΔTopr・VOUT)
VCE=VIN, IOUT=30mA
-40℃≦Topr≦85℃
-
±30
-
ppm/℃
①
VOUT(T)≦4.75V
VIN={VOUT(T)+1.0}VDC+0.5Vp-pAC
VCE=VIN, IOUT=30mA, f=1kHz
Power Supply
Rejection Ratio
PSRR
VOUT(T)≧4.80V
VIN=5.75VDC+0.5Vp-pAC
VCE=VIN, IOUT=30mA, f=1kHz
-
55
-
dB
③
Current Limit
ILIM
VCE=VIN
510
630
750
mA
①
Short-circuit Current
ISHORT
VCE=VIN
Short VOUT to VSS level
-
120
210
mA
①
CE High Level Voltage
VCEH
1.0
-
6.0
V
①
CE Low Level Voltage
VCEL
VSS
-
0.3
V
①
CE High Level
Current
ICEH
VIN=VCE=6.0V
3.5
6
10
μ
A
①
CE Low Level Current
ICEL
VCE=VSS
-0.1
-
0.1
μ
A
①
CL Discharge
Resistance
(*10)
RDCHG
VIN=6.0V, VOUT=5.0V, VCE=VSS
300
430
500
Ω
①
Thermal Shutdown
Detect Temperature
TTSD
Junction Temperature
-
150
-
℃
-
Thermal Shutdown
Release
Temperature
TTSR
Junction Temperature
-
125
-
℃
-
Thermal Shutdown
Hysteresis Width
THYS
TTSD-TTSR
-
25
-
℃
-
NOTE:
(*1) Unless otherwise stated regarding input voltage conditions, VIN=VOUT(T)
(*3)+1.0V.
(*2) VOUT(E): Effective output voltage
(i.e. the output voltage when “VOUT(T)+1.0V” is provided at the VIN pin while maintaining a certain IOUT value.)
(*3) VOUT(T): Nominal output voltage
(*4) Characteristics of the actual VOUT(E) by setting output voltage is shown in the voltage chart.
(*5) Vdif=VIN1
(*7)-VOUT1(*6)
(*6) VOUT1 is a voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input
(*7) VIN1 is an input voltage when VOUT1 appears at the VOUT pin while the input voltage is gradually decreased.
(*8) E-1:DROPOUT VOLTAGE (Refer to Voltage Chart.)
(*9) E-2:LINE REGULATION (Refer to Voltage Chart.)
(*10) This function is built in the XC6503B/D series only.
The XC6503A/C series discharges by only R1+ R2 resistors as shown in the block diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com