Electronic Components Datasheet Search
  English  ▼

X  

AN2871 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2871
Description  This application note is intended for hardware designers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2871 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2871 Datasheet HTML 7Page - STMicroelectronics AN2871 Datasheet HTML 8Page - STMicroelectronics AN2871 Datasheet HTML 9Page - STMicroelectronics AN2871 Datasheet HTML 10Page - STMicroelectronics AN2871 Datasheet HTML 11Page - STMicroelectronics AN2871 Datasheet HTML 12Page - STMicroelectronics AN2871 Datasheet HTML 13Page - STMicroelectronics AN2871 Datasheet HTML 14Page - STMicroelectronics AN2871 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AN2871
On-chip voltage regulator (VREG)
Doc ID 15304 Rev 3
11/25
External transistor power dissipation
The power dissipation required by the bypass transistor is dependent upon the voltage drop
across it, the core current and the selected supply range.
The worst case power dissipation of the ballast transistor is with a 5 V supply. Assuming the
CPU draws 100 mA (please check figure according to your configuration in the latest
SPC560Pxx/SPC56APxx datasheet), the worst case voltage drop with 5 V +10% supply is
4.35 V (that is, 5.5 V
 1.15 V = 4.35 V). This leads to about 0.435 W of power dissipation.
Ballast transistor junction temperature
The ballast transistor maximum junction temperature is typically 150 °C, although in some
transistors it may be as high as 165 °C.
Depending on the maximum ambient temperature, the ballast transistor may have a limited
allowed temperature rise and thus requires adequate heatsinking. Thermal characteristics
of the board and heatsink are required for this calculation.
Ballast transistor VCEsat
To reduce the power dissipation in the transistor, it is permissible to add a series resistor that
will drop the collector voltage. If this is used, the saturation voltage becomes significant; the
transistor must remain out of saturation with the minimum expected supply (5.0 V or 3.3 V)
and the maximum expected Vcore rail (that is, 1.32 V).
Ballast transistor inductance
The distance from the ballast transistor's heatsink rail to the microcontroller will lead to
inductance in the system (the greater the distance, the higher the inductance). The location
of the transistor will also affect the inductance, due to the lengths of the 1.2 V traces and of
the BCTRL signal. Those inductances will reduce the phase margin. It is recommended that
the inductance on BCTRL and on 1.2 V is kept below 15 nH.
Due to variations in board type, specific details on trace length specification cannot be
provided; consequently, inductance values have been given.
Calculation examples
Note:
The following examples demonstrate how ballast transistors can be selected and how chip
junction temperature can be estimated. The data used in the examples are fictional and
should not be taken as specifications for particular systems. For specific calculations, please
refer to the device datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com