Electronic Components Datasheet Search
  English  ▼

X  

AN2871 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2871
Description  This application note is intended for hardware designers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2871 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2871 Datasheet HTML 13Page - STMicroelectronics AN2871 Datasheet HTML 14Page - STMicroelectronics AN2871 Datasheet HTML 15Page - STMicroelectronics AN2871 Datasheet HTML 16Page - STMicroelectronics AN2871 Datasheet HTML 17Page - STMicroelectronics AN2871 Datasheet HTML 18Page - STMicroelectronics AN2871 Datasheet HTML 19Page - STMicroelectronics AN2871 Datasheet HTML 20Page - STMicroelectronics AN2871 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AN2871
Supply pins and decoupling
Doc ID 15304 Rev 3
17/25
4
Supply pins and decoupling
SPC560Pxx family devices have different pins supply voltages. For example the
SP560P50xx has six different pins supply voltage as follow:
●
I/O voltage (VDD_HV_IOx)
●
Internal voltage regulator supply voltage (VDD_HV_REG)
●
Core supply (VDD_LV_CORx)
●
ADC0 and ADC1 supply (VDD_HV_ADx)
●
Crystal oscillator amplifier supply voltage (VDD_HV_OSC)
●
Code and data Flash supply voltage (VDD_HV_FL)
for all the others family devices supply signals refer to the relative device datasheet.
4.1
Supply pins description and circuit
Table 7 lists the power supply and reference voltages for the SPC560P50xx devices.
Table 7.
Supply pins on SPC560P50XX LQFP144
Supply
Symbol
Description
BCTRL
Voltage regulator external NPN ballast base control pin
VDD_HV_REG
(3.3 V or 5.0 V)
Voltage regulator supply voltage
VDD_LV_REGCOR
1.2 V decoupling pins for core logic and regulator feedback. Decoupling
capacitor must be connected between these pins and VSS_LV_REGCOR.
VSS_LV_REGCOR
1.2 V decoupling pins for core logic and regulator feedback. Decoupling
capacitor must be connected between these pins and VDD_LV_REGCOR.
VDD_HV_AD0(1)
ADC0 supply and high reference voltage
VSS_HV_AD0
ADC0 ground and low reference voltage
VDD_HV_AD1
ADC1 supply and high reference voltage
VSS_HV_AD1
ADC1 ground and low reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com