Electronic Components Datasheet Search
  English  ▼

X  

AN2871 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2871
Description  This application note is intended for hardware designers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2871 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2871 Datasheet HTML 14Page - STMicroelectronics AN2871 Datasheet HTML 15Page - STMicroelectronics AN2871 Datasheet HTML 16Page - STMicroelectronics AN2871 Datasheet HTML 17Page - STMicroelectronics AN2871 Datasheet HTML 18Page - STMicroelectronics AN2871 Datasheet HTML 19Page - STMicroelectronics AN2871 Datasheet HTML 20Page - STMicroelectronics AN2871 Datasheet HTML 21Page - STMicroelectronics AN2871 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Supply pins and decoupling
AN2871
18/25
Doc ID 15304 Rev 3
4.1.1
Internal supply decoupling capacitors
The external ballast needs output bypass capacitance for stability. Three 10 µF capacitors
are recommended for transient capability. In addition, for decoupling (that is, supply
variations) a pair of ceramic capacitors is required for each supply/GND pair. The general
rule for decoupling capacitors is to share equally the CDEC2 value (refer to device’s
datasheet), and the 1880 pF capacitance value among all the supply pins
VDD_LV_CORx/VSS_LV_CORx.
VDD_HV_IO0
Input/Output supply voltage
VSS_HV_IO0
Input/Output ground
VDD_HV_IO1
Input/Output supply voltage
VSS_HV_IO1
Input/Output ground
VDD_HV_IO2
Input/Output supply voltage
VSS_HV_IO2
Input/Output ground
VDD_HV_IO3
Input/Output supply voltage
VSS_HV_IO3
Input/Output ground
VDD_HV_FL
Code and data Flash supply voltage
VSS_HV_FL
Code and data Flash supply ground
VDD_HV_OSC
Crystal oscillator amplifier supply voltage
VSS_HV_OSC
Crystal oscillator amplifier ground
VDD_LV_COR0
1.2 V decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VSS_LV_COR0 pin.
VSS_LV_COR0
1.2 V decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VDD_LV_COR0 pin.
VDD_LV_COR1
1.2 V decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VSS_LV_COR1 pin.
VSS_LV_COR1
1.2 V decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VDD_LV_COR1 pin.
VDD_LV_COR2
1.2 V decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VSS_LV_COR2 pin.
VSS_LV_COR2
1.2 V decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VDD_LV_COR2 pin.
VDD_LV_COR3
1.2 V decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VDD_LV_COR3.
VSS_LV_COR3
1.2 V decoupling pins for on-chip core logic. Decoupling capacitor must be
connected between this pin VSS_LV_COR3.
1.
Analog supply/ground and high/low reference lines are internally physically separate, but are shorted via a double-bonding
connection on VDD_HV_ADx/VSS_HV_ADx pins.
Table 7.
Supply pins on SPC560P50XX LQFP144 (continued)
Supply
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com