Electronic Components Datasheet Search
  English  ▼

X  

AN2871 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2871
Description  This application note is intended for hardware designers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2871 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2871 Datasheet HTML 16Page - STMicroelectronics AN2871 Datasheet HTML 17Page - STMicroelectronics AN2871 Datasheet HTML 18Page - STMicroelectronics AN2871 Datasheet HTML 19Page - STMicroelectronics AN2871 Datasheet HTML 20Page - STMicroelectronics AN2871 Datasheet HTML 21Page - STMicroelectronics AN2871 Datasheet HTML 22Page - STMicroelectronics AN2871 Datasheet HTML 23Page - STMicroelectronics AN2871 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Supply pins and decoupling
AN2871
20/25
Doc ID 15304 Rev 3
4.1.2
Specific supply decoupling
Although SPC560Pxx/SPC56APxx/SPC56APxx devices have only one external supply,
several types of pins are connected to this supply and consequently must have a specific
decoupling.
Each pair of VCC/GND pins must have two ceramic capacitors for local decoupling.
Flash, Oscillator
A pair of ceramic capacitors (100 nF + 470 pF) is recommended per VCC/GND pair.
I/Os
I/O decoupling should be checked according to the I/O real activity.
Each VCC/GND pair for I/O supply must have a pair of decoupling ceramic capacitors; one
with a value of 33 nF to 100 nF and the other one with a value of 470 pF to 1 nF.
ADC
During SPC560Pxx/SPC56APxx design, several supply schemes of the two ADCs have
been analyzed and simulated. The best one is the one with shared supply and reference per
ADC.
For this reason, serial resistance on ADC supply and GND must be avoided.
PLL
The PLL is supplied by the 1.2 volt rail. Recommended decoupling capacitors are 100 nF
and 10 nF.
Main supply decoupling
The recommendations described above assume that enough reservoir capacitors are
placed at the output of the VREG generating the 5 V or 3.3 V supply for the
SPC560Pxx/SPC56APxx device. Those capacitors are dependent on the type of voltage
regulator used and hence are not specified here.
4.1.3
Power-on current control
On power-on, the embedded voltage regulator starts to work at about 2.8 V and stops to at
about 2.5 V (0.3 V hysteresis with power-on threshold).
Once the minimum supply is met, the embedded voltage regulator then switches ON the
external ballast.
Slope characteristics on all VDD during power up has to be inside TVDD parameter range
as described in the device datasheet (a).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com