Electronic Components Datasheet Search
  English  ▼

X  

AN2871 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2871
Description  This application note is intended for hardware designers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2871 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2871 Datasheet HTML 8Page - STMicroelectronics AN2871 Datasheet HTML 9Page - STMicroelectronics AN2871 Datasheet HTML 10Page - STMicroelectronics AN2871 Datasheet HTML 11Page - STMicroelectronics AN2871 Datasheet HTML 12Page - STMicroelectronics AN2871 Datasheet HTML 13Page - STMicroelectronics AN2871 Datasheet HTML 14Page - STMicroelectronics AN2871 Datasheet HTML 15Page - STMicroelectronics AN2871 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
On-chip voltage regulator (VREG)
AN2871
12/25
Doc ID 15304 Rev 3
Example 1: SPC560P50, 64 MHz in motor control mode
●
Power
Maximum steady state MCU current: 100 mA
Maximum collector voltage 5.0 V + 10% = 5.5 V
Minimum emitter voltage: = 1.15 V
Required power = (5.5 V
 1.15 V) * 0.1 = 435 mW
Proposed transistor: BCP68 in SOT223
●
Temperature
Target system ambient = 125 °C
SOT223 TJC junction-to-case = 17 °C/W
FR4 with thermal vias for SOT223 = 12 °C/W
Heatsink to ambient + 3 °C (depends upon power loading in target system)
Junction temperature = (125 °C + 3 °C) + (12 °C/W + 17 °C/W) * 0.442 W = 141 °C
Example 2: SPC560P50, 64 MHz in airbag mode
●
Power
Maximum steady state MCU current: 66 mA
Maximum collector voltage 3.3 V + 10% = 3.6 V
Minimum emitter voltage: = 1.15 V
Required power = (3.6 V
 1.15 V) * 0.066 = 162 mW
Proposed transistor: BCP68 in SOT223
●
Temperature
Target system ambient = 105 °C
SOT223 TJC junction-to-case = 17 °C/W
FR4 with thermal vias for SOT223 = 12 °C/W
Heatsink to ambient + 3 °C (depends upon power loading in target system)
Junction temperature = (105 °C + 3 °C) + (12 °C/W + 17 °C/W) * 0.131 W = 112 °C
2.2
Frequency-modulated phase-locked loop (FMPLL)
The FMPLL allows the user to generate high speed system clocks from a 4 MHz to 40 MHz
input clock. Furthermore, the FMPLL supports programmable frequency modulation of the
system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com