Electronic Components Datasheet Search
  English  ▼

X  

AN2871 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2871
Description  This application note is intended for hardware designers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2871 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2871 Datasheet HTML 15Page - STMicroelectronics AN2871 Datasheet HTML 16Page - STMicroelectronics AN2871 Datasheet HTML 17Page - STMicroelectronics AN2871 Datasheet HTML 18Page - STMicroelectronics AN2871 Datasheet HTML 19Page - STMicroelectronics AN2871 Datasheet HTML 20Page - STMicroelectronics AN2871 Datasheet HTML 21Page - STMicroelectronics AN2871 Datasheet HTML 22Page - STMicroelectronics AN2871 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AN2871
Supply pins and decoupling
Doc ID 15304 Rev 3
19/25
In order to remain in the range requested by DS, required capacitor values have to include
the de-rating factor coming from tolerance, temperature, and aging effects. These factors
must be taken into account to assure proper operation under worst case conditions.
X7R type materials are recommended for all capacitors, based also on ESR characteristics.
In Figure 7 is shown as example the decoupling of 1.2 V rail for SPC50P50L5 whose
number of supply pins VDD_LV_CORx/VSS_LV_CORx is 4. It can be avoided to use
decoupling cap near pin pair VDD_LV_REGCOR/VSS_LV_REGCOR.
Figure 7.
Decoupling of 1.2 V rail
Layout recommendations:
●
The three stability capacitors CDEC1 (that is, 3 x 10 µF) must be placed next to the
ballast output.
●
Use preferably a small plane to distribute Vcore (that is, 1.2 V) with a low parasitic
inductance to each pin or a star topology from the ballast output.
●
The Resulting parasitic inductance, ESL of VDD_HV_REG, BCTRL and
VDD_LV_CORx pins, must be kept below the maximum value of LREG parameter as
described in the device datasheet
●
Low Equivalent Series Resistance (ESR) and low Equivalent Series Inductance (ESL)
capacitors should be used for the 10 µF stability capacitors. Use preferably ceramic
capacitors. Do not use electrolytic capacitors as stabilization capacitors.
Note:
Check the device datasheet RREG parameter for the recommended maximum ESR value.
Note:
The use a multi-layer printed circuit board (PCB) with a separate layer dedicated to the
ground and another one to the voltages supply is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com