Electronic Components Datasheet Search
  English  ▼

X  

AN2317 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2317
Description  Energy Metering IC External Circuits
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2317 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2317 Datasheet HTML 8Page - STMicroelectronics AN2317 Datasheet HTML 9Page - STMicroelectronics AN2317 Datasheet HTML 10Page - STMicroelectronics AN2317 Datasheet HTML 11Page - STMicroelectronics AN2317 Datasheet HTML 12Page - STMicroelectronics AN2317 Datasheet HTML 13Page - STMicroelectronics AN2317 Datasheet HTML 14Page - STMicroelectronics AN2317 Datasheet HTML 15Page - STMicroelectronics AN2317 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
External Circuit Design
AN2317 - Application
12/27
The anti-aliasing filter magnitude and phase response can be calculated as follows:
Equation 10
Note:
The cutoff frequency is expressed as:
So
Equation 10 can be changed to:
Equation 11
Equation 12
The phase is expressed as:
Equation 13
In the module:
R = 2 • 103K
Ω and
C = 10nF, so then
A
u
U
O
U
I
--------
1
j
ωc
---------
R
1
j
ωc
---------
+
--------------------
1
1j
ωRC
+
-------------------------
==
=
f
p
1
2
πτ
---------
1
2
πRC
----------------
==
A
u
1
1j
f
f
p
----
⋅
+
--------------------
1
1j
f
f
p
----
⋅
+
--------------------
==
A
u
1
1
f
f
p
----
⎝⎠
⎛⎞ 2
+
----------------------
=
ϕ
arc
–
f
f
p
----
tan
=
f
p
1
2
πRC
----------------
7961.8Hz
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com