Electronic Components Datasheet Search
  English  ▼

X  

AN2317 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2317
Description  Energy Metering IC External Circuits
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2317 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2317 Datasheet HTML 12Page - STMicroelectronics AN2317 Datasheet HTML 13Page - STMicroelectronics AN2317 Datasheet HTML 14Page - STMicroelectronics AN2317 Datasheet HTML 15Page - STMicroelectronics AN2317 Datasheet HTML 16Page - STMicroelectronics AN2317 Datasheet HTML 17Page - STMicroelectronics AN2317 Datasheet HTML 18Page - STMicroelectronics AN2317 Datasheet HTML 19Page - STMicroelectronics AN2317 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
External Circuit Design
AN2317 - Application
16/27
Equation 20
Equation 21
Equation 22
Equation 23
Z1 has little influence on the U0, thus:
Equation 24
Note:
For a specific U0, choose an appropriate combination of resistors (R5 and R’) to get that
particular U0 value.
Z
1
R
19
R
15
+
()
42.3K
Ω
==
Z
2
R
5
R
6
+
() Z
1
⋅
R
5
R
6
Z
1
++
------------------------------------
930
Ω
==
U
1
U
2
–
Z
2
2
------
2R
′ Z
2
+
---------------------- V
mains
V
mains
110 2V U
1
0.046V
=
,
=
V
mains
220 2V U
1
0.092V
=
,
=
⎩
⎪
⎨
⎪
⎧
=
⋅
==
U
0
U
1
U
2
–
Z
2
2
------
R
′
Z
2
2
-------
+
------------------- V
mains
V
mains
110 2V U
0
0.092V
=
,
=
V
mains
220 2V U
0
0.185V
=
,
=
⎩
⎪
⎨
⎪
⎧
=
⋅
==
U0
R
5
R
′ R
5
+
-------------------
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com