Electronic Components Datasheet Search
  English  ▼

X  

AN2317 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2317
Description  Energy Metering IC External Circuits
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2317 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2317 Datasheet HTML 19Page - STMicroelectronics AN2317 Datasheet HTML 20Page - STMicroelectronics AN2317 Datasheet HTML 21Page - STMicroelectronics AN2317 Datasheet HTML 22Page - STMicroelectronics AN2317 Datasheet HTML 23Page - STMicroelectronics AN2317 Datasheet HTML 24Page - STMicroelectronics AN2317 Datasheet HTML 25Page - STMicroelectronics AN2317 Datasheet HTML 26Page - STMicroelectronics AN2317 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
External Circuit Design
AN2317 - Application
24/27
1.6
Clock Generation
All of the STPM01 internal timing is based on the CLKOUT oscillation signal. This signal can
be generated in three different ways:
●
RC (see
Figure 13)
This oscillator mode can be selected using the RC configuration bit. If RC = 1, then the
STPM01 will run using the RC oscillator. A resistor connected between CLKIN and
Ground will set the RC current.
Note:
For 4MHz operation, the suggested settling resistor is 12k.
●
Quartz (see
Figure 14)
The oscillator will work with an external crystal.
Figure 13.
Internal RC Recommended Connections
Figure 14.
Quartz Recommended Connections
VSS
12k
CLKIN CLKOUT
AI12915
VSS
1M
4194MHz
15pF
15pF
CLKIN CLKOUT
AI12916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com