Electronic Components Datasheet Search
  English  ▼

X  

AN2317 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2317
Description  Energy Metering IC External Circuits
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2317 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2317 Datasheet HTML 15Page - STMicroelectronics AN2317 Datasheet HTML 16Page - STMicroelectronics AN2317 Datasheet HTML 17Page - STMicroelectronics AN2317 Datasheet HTML 18Page - STMicroelectronics AN2317 Datasheet HTML 19Page - STMicroelectronics AN2317 Datasheet HTML 20Page - STMicroelectronics AN2317 Datasheet HTML 21Page - STMicroelectronics AN2317 Datasheet HTML 22Page - STMicroelectronics AN2317 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
AN2317 - Application
External Circuit Design
19/27
1.5.2
Capacitive Power Supply
There are several ways to convert AC voltage into the DC voltage required by STPM01.
Traditionally, this is done with a transformer and rectifier circuit. There is also switching
power supply solution. However, these two solutions are expensive and take up a
considerable amount of PCB space.
To provide a low-cost, alternative solution, a transformerless power supply can be used (see
Figure 12).
Figure 12.
Capacitive Power Supply
VDD
UIN
IIN
GND
D3
5.1V
D2
DIF60
D1
DIF60
LINE
NEUTRAL
AI12914
1
2
R1
82R
C3
1000m
C2
470n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com