| Electronic Components Datasheet Search |
|
AN2317 Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2317 Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 27 page ![]() AN2317 - Application External Circuit Design 17/27 1.4 Crosstalk Cancellation Network The voltage front end handles voltages of considerable amplitude, which makes it a potential source of noise. Disturbances are readily emitted into current measurement circuitry where it will interfere with the actual signal to be measured. Typically, this shows as a non-linear error at small signal amplitudes and non-unity power factors. At unity power factor, voltage and current signals are in phase and crosstalk between voltage and current channels merely appears as a gain error, which can be calibrated. When voltage and current are not in phase, crosstalk will have a non-linear effect on the measurements, which cannot be calibrated. Crosstalk is minimized by means of good PCB planning and the proper use of filter components in the crosstalk network. Recommended filter components are shown in Figure 10. The network subtracts a signal proportional to the voltage input from the current input. This prevents crosstalking within the STPM01. The signal subtraction is calculated in Equation 25 and Equation 26. Equation 25 Equation 26 Note: This network must be applied to every STPM01 design, from the voltage channel to each current channel. Figure 10. Crosstalk Network V R15 R15 R19 R15 + ----------------------------- V VCI R15 R19 ----------- V VC I ⋅ ≅ ⋅ = V CC I R1 R21 R1 + ------------------------- V R15 R1 R21 ----------- V R15 ⋅ ≅ ⋅ R1 R21 ----------- R15 R19 ----------- V VCI 1.18e 6 – V VCI ≅ ⋅⋅ == R19 42.2k – + VVCI Voltage Channel Input VCCI Current Channel Input + – R15 100 R1 1k R21 2M AI12908 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |