Electronic Components Datasheet Search
  English  ▼

X  

AN2317 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2317
Description  Energy Metering IC External Circuits
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2317 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2317 Datasheet HTML 14Page - STMicroelectronics AN2317 Datasheet HTML 15Page - STMicroelectronics AN2317 Datasheet HTML 16Page - STMicroelectronics AN2317 Datasheet HTML 17Page - STMicroelectronics AN2317 Datasheet HTML 18Page - STMicroelectronics AN2317 Datasheet HTML 19Page - STMicroelectronics AN2317 Datasheet HTML 20Page - STMicroelectronics AN2317 Datasheet HTML 21Page - STMicroelectronics AN2317 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
External Circuit Design
AN2317 - Application
18/27
1.5
Capacitive Power Supply Circuit
The capacitive power supply circuit is shown in
Figure 10 and includes:
●
a varistor,
●
the capacitive power supply, and
●
the Electromagnetic Compatibility (EMC) filter.
Figure 11.
Capacitive power supply (with EMC Filter)
1.5.1
Varistor
The varistor is a surge protection device that is connected directly across the AC input.
When a power surge or voltage spike exceeding a specified voltage (varistor voltage) is
sensed, the varistor's resistance rapidly decreases, creating an instant shunt path for the
overvoltage, thereby saving the sensitive control panel components. The varistor and the
line fuse are subject to damage or weakened because the shunt path creates a short circuit.
An essential point of varistor selection is that the varistor can handle the peak pulse current,
which is 110% of the maximum current at which the varistor voltage does not change. If the
peak pulse current rating is insufficient, then the varistor may be damaged. The main
voltage is 220VRMS, and sometimes the maximum will reach 265VRMS.Thus, an MOKS
K10*300V varistor is chosen for this application.
VDD
Transient
Protection
Current
Limiter
Voltage
Divider
Filter 1
Filter 2
GND
C1
1n
D3
5.1V
RV1
510V
D2
DIF60
D1
DIF60
LINE
NEUTRAL
AI12909
1
2
R1
82R
L1
220m
L2
220m
C3
1000m
C2
470n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com