Electronic Components Datasheet Search
  English  ▼

X  

AN3060 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3060
Description  Applications guide for serial real-time clocks
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3060 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3060 Datasheet HTML 2Page - STMicroelectronics AN3060 Datasheet HTML 3Page - STMicroelectronics AN3060 Datasheet HTML 4Page - STMicroelectronics AN3060 Datasheet HTML 5Page - STMicroelectronics AN3060 Datasheet HTML 6Page - STMicroelectronics AN3060 Datasheet HTML 7Page - STMicroelectronics AN3060 Datasheet HTML 8Page - STMicroelectronics AN3060 Datasheet HTML 9Page - STMicroelectronics AN3060 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Oscillator circuit
AN3060
6/23
Doc ID 16253 Rev 2
2
Oscillator circuit
2.1
Besides the crystal, what other components do I need to add
to make my RTC oscillator work correctly?
None. Nothing else is required. ST's real-time clocks have built-in load capacitors.
External load capacitors are not needed, nor are external resistors. All that is needed is the
crystal. It must be a 32,768 Hz watch crystal and be rated for the load capacitance built into
the RTC.
Figure 2.
Built-in load capacitors
No other components are required to make the oscillator run. Adding any external
components will only serve to reduce the accuracy and reliability of the oscillator. Extra load
capacitors will tend to slow the clock. At low temperatures, such capacitance, or any
external resistance, may keep the oscillator from starting.
Matching load capacitance
Each RTC comes with built-in load capacitors. These are usually specified as 12.5 pF, or in
the case of the M41T6x family, 6 pF. The crystal selected for use with the RTC should have
this same rating. Mismatched crystals will tend to run slightly off frequency. For example, a
crystal rated for 12.5 pF expects to see that load. If it is used with an RTC rated for 6 pF, the
crystal will only see 6 pF instead of the specified 12.5 pF and will thus run fast.
XI
XO
CL2
CL1
CX2
CX1
CRYSTAL
INTERNAL RTC
CIRCUITRY
RX
EXTERNAL LOAD CAPACITORS
NOT NEEDED
THEY ARE BUILT INTO RTC
EXTERNAL RESISTOR
NOT NEEDED
CHOOSE CRYSTAL TO MATCH RTC’S RATED
LOAD CAPACITANCE - eg, 6pF OR 12.5pF
AM04720v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com