Electronic Components Datasheet Search
  English  ▼

X  

AN3060 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3060
Description  Applications guide for serial real-time clocks
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3060 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3060 Datasheet HTML 1Page - STMicroelectronics AN3060 Datasheet HTML 2Page - STMicroelectronics AN3060 Datasheet HTML 3Page - STMicroelectronics AN3060 Datasheet HTML 4Page - STMicroelectronics AN3060 Datasheet HTML 5Page - STMicroelectronics AN3060 Datasheet HTML 6Page - STMicroelectronics AN3060 Datasheet HTML 7Page - STMicroelectronics AN3060 Datasheet HTML 8Page - STMicroelectronics AN3060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AN3060
Layout considerations
Doc ID 16253 Rev 2
5/23
1
Layout considerations
1.1
What are some basic layout considerations for the RTC
crystal?
Layout considerations are straightforward for the 32 KHz crystals used with ST's M41 series
real-time clocks.
Figure 1.
Layout considerations
The primary consideration is lead length. The crystal should be mounted as near as
possible to the RTC to keep the traces short. A guard ring around these connections,
connected to ground, is very important to avoid picking up unwanted noise, which might
affect timekeeping.
Users should avoid running signals directly underneath this area unless a ground plane
resides between the signals and the crystal connections.
When possible, users can add an island ground plane under the area of the ring and crystal
body. This plane is on a separate layer from the ring, and isolated from the PCB ground
plane. It connects to ground at the GND pin of the RTC.
No other components are shown in the layout because the crystal is all that is required for
the RTC oscillator to work. No external load capacitors or bias resistors should be added.
CRYSTAL
XI
XO
GND
RTC
NO OTHER COMPONENTS
REQUIRED IN OSCILLATOR
CIRCUIT
MOUNT CRYSTAL AS CLOSE
TO RTC AS POSSIBLE
ADD GUARD RING AROUND
CRYSTAL CONNECTIONS,
CONNECT TO GND PIN
KEEP TRACES SHORT
IF POSSIBLE, ADD LOCAL GROUND PLANE,
ON SEPARATE LAYER, ISOLATED FROM PCB
GROUND PLANE, AND CONNECTED TO
RTC GND PIN
AM04719v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com