Electronic Components Datasheet Search
  English  ▼

X  

AN3060 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3060
Description  Applications guide for serial real-time clocks
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3060 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3060 Datasheet HTML 6Page - STMicroelectronics AN3060 Datasheet HTML 7Page - STMicroelectronics AN3060 Datasheet HTML 8Page - STMicroelectronics AN3060 Datasheet HTML 9Page - STMicroelectronics AN3060 Datasheet HTML 10Page - STMicroelectronics AN3060 Datasheet HTML 11Page - STMicroelectronics AN3060 Datasheet HTML 12Page - STMicroelectronics AN3060 Datasheet HTML 13Page - STMicroelectronics AN3060 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Switchover voltage
AN3060
10/23
Doc ID 16253 Rev 2
fixed reference is well-suited for 3.3 V and 3.0 V applications, and is a drop-in replacement
for the older M41T81 (non-S).
Complex switchover thresholds
Some devices employ more sophisticated switchover circuits which select the lesser of VPFD
and VBAT as the switchover threshold. This ensures that the part remains on VCC for as long
as possible before switching over to the backup supply thus extending the backup life
slightly.
Figure 6.
Switchover circuit
Table 1.
Summary of deselect and switchover thresholds
Root part
number
Switchover and deselect parameters
VPFD
VSO
VBAT-MAX
M41T00
VBAT – 0.5
VBAT – 0.5
VCC
M41T00AUD
2.8
2.0 < VBACK < VPFD : VBACK
VBACK > VPFD : VPFD
VCC
M41T00S
2.6 V
VBAT < VPFD : VBAT
VBAT > VPFD : VPFD
VCC
M41T11
VBAT – 0.5
VBAT – 0.5
VCC
M41T56
1.25 x VBAT
VBAT
3.5 V
M41T81
VBAT – 0.5
VBAT – 0.5
VCC
M41T81S
2.6 V
VBAT < VPFD : VBAT
VBAT > VPFD : VPFD
VCC
M41T82
VRST
(1)
1.
The reset voltage, VRST, can be specified as 2.32, 2.63 or 2.93 V.
VRST
(1)
VCC(max)
M41T83
VRST
(1)
VRST
(1)
VCC(max)
M41ST85W
2.6 V
2.5 V
VCC(max)
M41ST87W
2.62 V, THS = 0
2.88 V, THS = 1
2.5 V
VCC(max)
M41T93
VRST
(1)
VRST
(1)
VCC(max)
M41T94
2.6 V
2.5 V
VCC(max)
VCC
VSO
VBAT
VCC-INT
AM04724v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com