Electronic Components Datasheet Search
  English  ▼

X  

AN3060 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3060
Description  Applications guide for serial real-time clocks
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3060 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3060 Datasheet HTML 3Page - STMicroelectronics AN3060 Datasheet HTML 4Page - STMicroelectronics AN3060 Datasheet HTML 5Page - STMicroelectronics AN3060 Datasheet HTML 6Page - STMicroelectronics AN3060 Datasheet HTML 7Page - STMicroelectronics AN3060 Datasheet HTML 8Page - STMicroelectronics AN3060 Datasheet HTML 9Page - STMicroelectronics AN3060 Datasheet HTML 10Page - STMicroelectronics AN3060 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AN3060
Oscillator circuit
Doc ID 16253 Rev 2
7/23
Effective load capacitance value versus internal capacitance value
Occasionally, the reader will see a reference to the individual load capacitors. There are two
used inside the RTC - one on each leg of the crystal. The actual value of each is twice the
rated or effective load value - that is, twice the load value specified in the data sheet. This is
because the internal load capacitors add in series. In Figure 2, the effective load
capacitance is:
Thus, when CL1 and CL2 are equal, the effective load capacitance, CL - the value listed in
the data sheet - is half of CL1 and CL2. An ST RTC rated for 12.5 pF will have two 25 pF
capacitors built into its oscillator circuit. The reader is encouraged to be aware of this.
Furthermore, the reader should keep in mind that the crystal specifications should match
the rated value - in this case 12.5 pF - and not the individual values.
2
L
1
L
2
L
1
L
2
L
1
L
L
C
C
C
C
C
with
series
in
C
C
+
•
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com