Electronic Components Datasheet Search
  English  ▼

X  

AN4266 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4266
Description  Safety application guide for SPC56xL70xx family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4266 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4266 Datasheet HTML 10Page - STMicroelectronics AN4266 Datasheet HTML 11Page - STMicroelectronics AN4266 Datasheet HTML 12Page - STMicroelectronics AN4266 Datasheet HTML 13Page - STMicroelectronics AN4266 Datasheet HTML 14Page - STMicroelectronics AN4266 Datasheet HTML 15Page - STMicroelectronics AN4266 Datasheet HTML 16Page - STMicroelectronics AN4266 Datasheet HTML 17Page - STMicroelectronics AN4266 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
Functional safety requirements for application software
AN4266
14/76
Doc ID 024283 Rev 2
Note:
Implementation hint: This requirement is satisfied by writing SSCM_ERROR[PAE] = 1.
Each access to the BAM memory area produces a Prefetch or Data Abort exception.
3.2.2
Checking
Mandatory: After boot, but before executing any safety function, the application software
needs to read SSCM_STATUS[LSM] to verify that the device runs in the selected mode of
operation:
●
Decoupled Parallel Mode (DPM) – SSCM_STATUS[LSM] = 0
●
Lock Step Mode (LSM) – SSCM_STATUS[LSM] = 1
Note:
Rationale: To check if the MCU started in LSM
3.3
Self-Test Control Unit (STCU)
3.3.1
Configuration
The STCU does not require any configuration written by application software. The default
STCU configuration is to execute LBIST/MBIST and to react to detected faults by triggering
a Non-Critical Fault (NCF) that signals the FCCU (See “Self-Test Control Unit (STCU)”
chapter in the SPC56xL70xx Reference Manual for details).
Mandatory: LBISTs and MBISTs shall be configured to be executed once per trip time (trip
time defined in Section 2.1, Mission profile).
3.3.2
Checking
Mandatory: Once after boot, before the safety application starts, application software shall
carry out some STCU checking steps for ensuring STCU reliability.
Note:
Implementation hint: See “Integrity SW Operations” section of the “Self-Test Control Unit
(STCU)” chapter in the SPC56xL70xxReference Manual for details.
Note:
Rationale: STCU manages the execution, and checks the result, of the LBISTs and
MBISTs. The STCU’s correct behavior must be verified by checking the expected results
with software.
The Integrity SW should confirm that all MBISTs and LBISTs finished successfully with no
additional errors flagged. This software confirmation prevents a fault within the STCU itself
from incorrectly indicating that the self-test passed.
This is an additional safety layer since the STCU propagates the LBIST/MBIST and internal
faults using the NCF signals of the FCCU. So, reading STCU_LBS, STCU_LBE,
STCU_MBSL, STCU_MBSH, STCU_MBEL, STCU_MBEH and STCU_ERR registers helps
increase the STCU auto-test coverage.
3.4
Reset Generation Module (MC_RGM)
A redundant fault notification path is achieved through the use of the MC_RGM and the
FCCU. MC_RGM configuration is application dependent.
Mandatory: However, to have the redundant notification path, both MC_RGM and FCCU
shall be configured to react to critical application faults.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com