Electronic Components Datasheet Search
  English  ▼

X  

AN4266 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4266
Description  Safety application guide for SPC56xL70xx family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4266 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4266 Datasheet HTML 21Page - STMicroelectronics AN4266 Datasheet HTML 22Page - STMicroelectronics AN4266 Datasheet HTML 23Page - STMicroelectronics AN4266 Datasheet HTML 24Page - STMicroelectronics AN4266 Datasheet HTML 25Page - STMicroelectronics AN4266 Datasheet HTML 26Page - STMicroelectronics AN4266 Datasheet HTML 27Page - STMicroelectronics AN4266 Datasheet HTML 28Page - STMicroelectronics AN4266 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
AN4266
Functional safety requirements for application software
Doc ID 024283 Rev 2
25/76
3.13.4
Write Digital Outputs
For ASIL D applications, digital outputs used for safety purposes are assumed to be written
either redundantly or with read back as described in the following section.
Note:
Application-dependent option: If a sufficient diagnostic coverage can be reached by a
plausibility check on a single output channel for a specific application, a plausibility check
can replace a redundant write or a direct read back.
The element safety function Write Digital Out is implemented as either:
●
Single Write Digital Out With Read Back
●
Double Write Digital Out
Single Write Digital Outputs With Read Back
The SIUL hardware element is used to perform a single Write Digital Output With Read
Back.
Mandatory: The read back must be implemented in one of the two modes shown in
Figure 4.
Note:
Rationale: To verify if written data compares with the expected data
Mandatory: The SIUL element must be correctly configured to provide the output write and
the pad directions as follows:
●
External read back – SIUL is configured to read back the signal from an additional pad,
and the loopback is performed outside the device. In this configuration, only half of the
available digital outputs are available as safety outputs.
●
Internal read back(e) – SIUL is configured to read back the pad value via an internal
read path. All pads dedicated to digital input/output are capable of reading the pad
digital status using the input logic.
Note:
Rationale: To verify if written data is coherent with the expected data
Mandatory: The application software must implement the software test to check the correct
configuration of the pads, SIUL_SWTEST_REGCRC, and to compare the read back with
the digital output write. GPOERB_SWTEST_CMP is used for external read back and
GPOIRB_SWTEST_CMP is used for internal read back.
e.
Internal read back does not cover package faults (e.g., wire bond, etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com