Electronic Components Datasheet Search
  English  ▼

X  

AN4266 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN4266
Description  Safety application guide for SPC56xL70xx family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4266 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN4266 Datasheet HTML 36Page - STMicroelectronics AN4266 Datasheet HTML 37Page - STMicroelectronics AN4266 Datasheet HTML 38Page - STMicroelectronics AN4266 Datasheet HTML 39Page - STMicroelectronics AN4266 Datasheet HTML 40Page - STMicroelectronics AN4266 Datasheet HTML 41Page - STMicroelectronics AN4266 Datasheet HTML 42Page - STMicroelectronics AN4266 Datasheet HTML 43Page - STMicroelectronics AN4266 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
Functional safety requirements for application software
AN4266
40/76
Doc ID 024283 Rev 2
Note:
Rationale: To set the correct threshold for the self-tests
Note:
Implementation hint: Since user can not directly read the test sector an SSCM feature,
called Test Flash Enable, shall be exploited. This action is performed through the following
steps:
1.
If code is executing in flash memory, it jumps to execute from RAM.
2.
Write SSCM_SCTR[TFE] = 1.
3.
Test sector is readable at the offset 0x0 of the flash memory address space (See
“System Status and Configuration Module (SSCM)” of the Reference Manual).
4.
Thresholds are copied from the test sector to the respective register.
5.
Write SSCM_SCTR[TFE] = 0.
6.
Code can continue execution from the flash memory.
BAM implements an access method to read the test sector.
Mandatory: Since the BAM is not developed according to the safety standard, a safety
application is not allowed to read the test sector through the BAM access method.
Additionally, a watchdog timer is implemented to check the sequence of the self-test
algorithms.
Mandatory: The customer must enable the watchdog timer for CPU mode and CTU mode.
The programmable watchdog timeout is the FTTI(h).
Note:
Rationale: To check the sequence of the self-test algorithms
Every hardware BIST is activated via a dedicated command sent to the ADC. Refer to the
“Self-testing” section in the “ADC” chapter of the SPC56xL70xx Reference Manual to have
all detailed instructions for implementing one of these modes.
The supply self-test must be executed without interleaved user conversion.
Software tests
●
ADC_SWTEST_TEST1
This software BIST exploits the presampling feature of the ADC. Presampling allows to
precharge or discharge the ADC internal capacitor before it starts the sampling and
conversion phases of the analog input coming from pads. During presampling phase,
the ADC samples the internally generated voltage while in the sampling phase the ADC
samples analog input coming from pads (See Figure ).
Reference voltage which can be used during presampling phase is either
VDD_HV_ADR0/1 or VSS_HV_ADR0/1.
If there is an open failure in the analog multiplexing circuitry, the signal converted by
the ADC is not the analog input coming from the pad, but the presampling reference
voltage (VDD_HV_ADR0/1 or VSS_HV_ADR0/1).
This BIST must be run for each analog input used by the safety function.
Since the pads dedicated to analog inputs are of type INPUT, a missing enable from
the SIUL results in an open failure.
Note:
Rationale: To detect open failures of the channel multiplexing circuitry (See Figure 9)
h.
This action is not mandatory in case of Double Read Analog Inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com