Electronic Components Datasheet Search
  English  ▼

X  

AN4266 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4266
Description  Safety application guide for SPC56xL70xx family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4266 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4266 Datasheet HTML 29Page - STMicroelectronics AN4266 Datasheet HTML 30Page - STMicroelectronics AN4266 Datasheet HTML 31Page - STMicroelectronics AN4266 Datasheet HTML 32Page - STMicroelectronics AN4266 Datasheet HTML 33Page - STMicroelectronics AN4266 Datasheet HTML 34Page - STMicroelectronics AN4266 Datasheet HTML 35Page - STMicroelectronics AN4266 Datasheet HTML 36Page - STMicroelectronics AN4266 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
AN4266
Functional safety requirements for application software
Doc ID 024283 Rev 2
33/76
Software test implementation
●
SIUL_SWTEST_REGCRC
The SIUL configuration registers are read and a CRC checksum is computed. The
checksum is compared to the expected value.
●
ETIMER0_SWTEST_REGCRC
The eTimer_0 configuration registers are read and a CRC checksum is computed. The
checksum is compared to the expected value.
●
ETIMER1_SWTEST_REGCRC
The eTimer_1 configuration registers are read and a CRC checksum is computed. The
checksum is compared to the expected value.
●
FLEXPWM0_SWTEST_REGCRC
The FlexPWM_0 configuration registers are read and a CRC checksum is computed.
The checksum is compared to the expected value.
●
FLEXPWM1_SWTEST_REGCRC
The FlexPWM_1 configuration registers are read and a CRC checksum is computed.
The checksum is compared to the expected value.
Note:
Implementation hint: The eDMA and CRC modules should be used to implement this SIF
to avoid overloading the CPU.
●
PWMRB_SWTEST_CMP
This procedure output compares the PWM read back provided by a single channel of
the eTimer_0 (eTimer_1) with the expected values that have been written to the
FlexPWM_1 (FlexPWM_0) output channel.
Implementation details
The following hardware elements shall be used for the safety function:
●
eTimer_0 channels
●
eTimer_1 channels
●
FlexPWM_0 channels
●
FlexPWM_1 channels
Mandatory: The pads shall be configured via the appropriate pad configuration registers
(PCRn) in the SIUL module.
Note:
Rationale: To configure pads used by this safety function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com