Electronic Components Datasheet Search
  English  ▼

X  

AN4439 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4439
Description  L99ASC03 current sense amplifier offset adjust
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4439 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4439 Datasheet HTML 3Page - STMicroelectronics AN4439 Datasheet HTML 4Page - STMicroelectronics AN4439 Datasheet HTML 5Page - STMicroelectronics AN4439 Datasheet HTML 6Page - STMicroelectronics AN4439 Datasheet HTML 7Page - STMicroelectronics AN4439 Datasheet HTML 8Page - STMicroelectronics AN4439 Datasheet HTML 9Page - STMicroelectronics AN4439 Datasheet HTML 10Page - STMicroelectronics AN4439 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID025908 Rev 1
7/16
AN4439
Calculating the input resistor values
15
Figure 4. First stage Op-Amp
Equation 4
Solve this for Vx to obtain:
Equation 5
Using Kirchoff’s current law (KCL) on the negative input (CSI- or in this equation CSN) we
have the following two equations:
Equation 6
Equation 7
Then solving Equation 6 and Equation 7 for CSN and putting them together obtains:
Equation 8
V
X
R
1
-------
V
OUT1_0V
V
X
–
10R
1
---------------------------------------
=
V
X
V
OUT1_0V
11
-------------------------
=
V
CC
V
CSN
–
R
Bias
--------------------------------
V
CSN
R
IN
---------------
–
V
CSN
V
X
–
11 R
1
⋅
----------------------------
–
V
CSN
V
x
–
R
1
---------------------------
V
x
V
X
–
10 R
1
⋅
--------------------
–
11 V
x
⋅
10
-----------------
V
X
10
-------
–
11 R
1 RIN VCC
⋅⋅
⋅
R
IN RBias VX
⋅⋅
+
11 R
1 RIN
⋅⋅
11 R
⋅
IN RBias
R
IN
+
R
Bias
⋅⋅
+
--------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com