Electronic Components Datasheet Search
  English  ▼

X  

AN4439 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4439
Description  L99ASC03 current sense amplifier offset adjust
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4439 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4439 Datasheet HTML 4Page - STMicroelectronics AN4439 Datasheet HTML 5Page - STMicroelectronics AN4439 Datasheet HTML 6Page - STMicroelectronics AN4439 Datasheet HTML 7Page - STMicroelectronics AN4439 Datasheet HTML 8Page - STMicroelectronics AN4439 Datasheet HTML 9Page - STMicroelectronics AN4439 Datasheet HTML 10Page - STMicroelectronics AN4439 Datasheet HTML 11Page - STMicroelectronics AN4439 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Calculating the input resistor values
AN4439
8/16
DocID025908 Rev 1
Solving for RIN, while including Equation 2, Equation 3 and Equation 5 and simplifying we
obtain:
Equation 9
We can now determine a value for RIN for a given RBias and gain setting.
For RBias=10 kΩ 1% and rounding to the nearest 1 % resistor value we have:
2.1
Calculating the transfer function from input to CSO
First we rewrite Equation 4 to include CSI+ (CSP) as a non-zero number:
Equation 10
We define Vx in terms of RIN, and RBias:
Equation 11
Defining VOUT1 in terms of VCSO:
Equation 12
Insert Equation 11 and Equation 12 into Equation 10 and solve for VCSO to obtain:
Table 1. Rin values
Gain
RIN (1%)
20
249
Ω
30
162
Ω
70
68.1
Ω
100
47.5
Ω
R
IN
11 R
1 RBias VX
⋅⋅
⋅
11 R
1 VX
⋅⋅
R
Bias VX
⋅
110 A
V2 R1 VCC
⋅⋅
⋅
()
–
10 A
V2 RBias VX
⋅⋅
⋅
()
–
+
-------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
V
CSP
V
x
–
R
1
----------------------------
V
x
V
OUT1
–
10 R
1
⋅
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com