Electronic Components Datasheet Search
  English  ▼

X  

AN4439 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4439
Description  L99ASC03 current sense amplifier offset adjust
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4439 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4439 Datasheet HTML 8Page - STMicroelectronics AN4439 Datasheet HTML 9Page - STMicroelectronics AN4439 Datasheet HTML 10Page - STMicroelectronics AN4439 Datasheet HTML 11Page - STMicroelectronics AN4439 Datasheet HTML 12Page - STMicroelectronics AN4439 Datasheet HTML 13Page - STMicroelectronics AN4439 Datasheet HTML 14Page - STMicroelectronics AN4439 Datasheet HTML 15Page - STMicroelectronics AN4439 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Generating a small offset to overcome input resistor tolerance and CSO lower limits
AN4439
12/16
DocID025908 Rev 1
4
Generating a small offset to overcome input resistor
tolerance and CSO lower limits
The output of the current sense amplifier (CSO pin) has a minimum specified voltage of
0.2 V. This means that there will have to be some current in the sense resistor to start
moving the CSO voltage up. Generating an offset is needed to bring that current lower. This
translates to reducing the RIN resistor value or increasing the RBias value. To know how
much that will need to be we look at the transfer equation and set the input voltage (VCSI+)
to 0 V and the output voltage (VCSO) to 0.2 V and solve for RIN.
Equation 14
Solving this for RIN provides:
Equation 15
For RBias=10 kΩ 1% and rounding to the nearest 1% resistor and compensating for
tolerance we have:
This gives a fixed offset that is above 0.2 V over time and temperature allowing the CSO pin
to never be out of range from 0 A to whatever gain and sense resistor size will allow.
Table 6 below provides worst case offset voltages over time and temperature with respect to
the above selected resistors.
Table 2. 1% Rin values for CSOmin=0.2 V
Gain
RIN (1%)
20
215
Ω
30
143
Ω
70
60.4
Ω
100
42.2
Ω
V
X
V
X AV
⋅
()
V
X
10
11 R
1 RIN VCC
⋅⋅
⋅
R
IN RBias VX
⋅⋅
+
11 R
1 RIN
⋅⋅
11 R
⋅
IN RBias
R
IN
+
R
Bias
⋅⋅
+
--------------------------------------------------------------------------------------------------------------------
⋅
+



A
V
⋅



–
+
0.2V
=
RIN
1.0 11.0 R1
⋅
RBias
⋅
V
⋅
55.0 R1
⋅
RBias
⋅
VX
⋅
−
()
⋅
11.0 R1
⋅
V
⋅
RBias V
⋅
+
55.0 R1
⋅
VX
⋅
−
5.0 RBias
⋅
VX
⋅
−
550.0 AV2
⋅
R1
⋅
VCC
⋅
+
50.0 AV2
⋅
RBias
⋅
VX
⋅
+
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com