Electronic Components Datasheet Search
  English  ▼

X  

AN4439 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4439
Description  L99ASC03 current sense amplifier offset adjust
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4439 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4439 Datasheet HTML 6Page - STMicroelectronics AN4439 Datasheet HTML 7Page - STMicroelectronics AN4439 Datasheet HTML 8Page - STMicroelectronics AN4439 Datasheet HTML 9Page - STMicroelectronics AN4439 Datasheet HTML 10Page - STMicroelectronics AN4439 Datasheet HTML 11Page - STMicroelectronics AN4439 Datasheet HTML 12Page - STMicroelectronics AN4439 Datasheet HTML 13Page - STMicroelectronics AN4439 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Tolerance calculations induced by adding external resistors.
AN4439
10/16
DocID025908 Rev 1
3
Tolerance calculations induced by adding external
resistors.
The L99ASC03 internal resistors have a large tolerance associated with them. The
advantage is that they will track with a very high degree of accuracy. As a result resistor
value ratios are maintained regardless of their absolute value variations. This is an
advantage as long as external resistors are not involved in the equation. Unfortunately to
add offset to our system we added two external resistors.
Some advantages are that these resistors are added to the ground side of the op-amp
system. This means that the effect is simply a DC offset. Variations in the internal resistors
with respect to the external resistors will then only affect a simple DC offset and not
adversely affect gain. As a result, the DC offset can be calibrated any time there is no
current in the ground leg of the inverter (i.e. whenever the motor is not being driven or
during freewheeling).
Using 1% resistors in Equation 13 above and inserting the worst case min and max values
for the internal resistors the variation is calculated.
Worst case high:
•
RIN = min value
•
RBias = max value
•
R1 = min value
Worst case low:
•
RIN = min value
•
RBias = max value
•
R1 = min value
The worst case is where the external resistor, RIN is the largest. That is at the lowest gain.
As the gain increases the RIN value drops. This reduces the offset error due to resistor
tolerances.
Figure 6. Transfer function tolerance at a gain of 20
0
0.05
0.1
0.15
0.2
0.25
0
1
2
3
4
5
typ
min
max
Tolerance at AV=20
CSI+ (V)
GAPG2002140834MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com