Electronic Components Datasheet Search
  English  ▼

X  

AN4439 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4439
Description  L99ASC03 current sense amplifier offset adjust
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4439 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4439 Datasheet HTML 8Page - STMicroelectronics AN4439 Datasheet HTML 9Page - STMicroelectronics AN4439 Datasheet HTML 10Page - STMicroelectronics AN4439 Datasheet HTML 11Page - STMicroelectronics AN4439 Datasheet HTML 12Page - STMicroelectronics AN4439 Datasheet HTML 13Page - STMicroelectronics AN4439 Datasheet HTML 14Page - STMicroelectronics AN4439 Datasheet HTML 15Page - STMicroelectronics AN4439 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Generating a small offset to overcome input resistor tolerance and CSO lower limits
AN4439
14/16
DocID025908 Rev 1
The L99ASC03 was programmed to not drive the inverter and the CSO gain was set to 20.
The resistors used were 2 x 20 turn potentiometers adjusted to precisely 10.00 k Ohms and
215 Ohms. VCC was measured as 4.982 V. VX was not measurable and the overall gain,
calculated from the collected data, varied from 19.5 to 19.8. The circuit was tested from VIN
= 0 V to 250 mV in ~10 mV increments. This data was compared to the calculated values
generated by Equation 13
where:
•
VCC = 5 V
•
VX=2.5 V
•
RIN=215 Ohms
•
RBias = 10 kOhms
•
Av = 20
Figure 20 below compares the calculated versus measured transfer curves at a gain set at
20.
Figure 10. CSO vs. VIN at Av=20, calculated vs actual
As can be seen, the additional resistors did not affect the gain of the system. It only changed
the zero current starting point.
4.2
Conclusion
Adding external resistors to set the CSO output offset to 0.2 V at 0 A is not difficult and does
not adversely affect the gain. Low external resistor values have a small effect on the DC
offset.
The DC offset issues can be easily calibrated out prior to and even during motor operation.
This can be done by reading the CSO pin when the motor is not driving current or when the
driven phase is in recirculation mode.
0
1
2
3
4
5
0
50
100
150
200
250
CSI+ (mV)
Measured typ
Calculated typ
Measured min
Measured max
Calculated min
Calculated max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com