Electronic Components Datasheet Search
  English  ▼

X  

AN4439 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4439
Description  L99ASC03 current sense amplifier offset adjust
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4439 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4439 Datasheet HTML 1Page - STMicroelectronics AN4439 Datasheet HTML 2Page - STMicroelectronics AN4439 Datasheet HTML 3Page - STMicroelectronics AN4439 Datasheet HTML 4Page - STMicroelectronics AN4439 Datasheet HTML 5Page - STMicroelectronics AN4439 Datasheet HTML 6Page - STMicroelectronics AN4439 Datasheet HTML 7Page - STMicroelectronics AN4439 Datasheet HTML 8Page - STMicroelectronics AN4439 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
March 2014
DocID025908 Rev 1
1/16
AN4439
Application note
L99ASC03 current sense amplifier offset adjust
Introduction
The L99ASC03 is a 3 phase BLDC motor controller. This device drives 6 MOSFETs for
standard trapezoidal driven BLDC motors using back EMF for rotor position detection. This
device has a current sense amplifier that provides an output of 1/2 Vcc (2.5 V) when there is
no current sensed. This was done to provide bi-directional current detection. Some
applications only need unidirectional current sensing. When this is the case, reducing or
eliminating this offset would be advantageous to allow full use of the available
microcontroller ADC range.
This application note provides the detailed calculations to provide the proper external
resistor selection and tolerances required for optimal current sensing accuracy.
www.st.com


Similar Part No. - AN4439

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN443 STMICROELECTRONICS-AN443 Datasheet
209Kb / 14P
SERIES OPERATION OF FAST RECTIFIERS
28-May-2004
AN4430 STMICROELECTRONICS-AN4430 Datasheet
871Kb / 42P
Designing an NFC Android Application for M24SR and M24LR devices
14-Feb-2014
AN4433 STMICROELECTRONICS-AN4433 Datasheet
396Kb / 34P
Storing data into the NDEF memory of M24SR
28-Feb-2014
AN4434 STMICROELECTRONICS-AN4434 Datasheet
349Kb / 17P
CMOS F8H automotive EEPROM cycling endurance and data retention
05-Mar-2015
More results

Similar Description - AN4439

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1120 INTERSIL-HFA1120 Datasheet
115Kb / 17P
850MHz Current Feedback Amplifier with Offset Adjust
July 1994
HS-1120RH INTERSIL-HS-1120RH Datasheet
119Kb / 11P
Radiation Hardened, Ultra High Speed Current Feedback Amplifier with Offset Adjust
1996 08
logo
Silicon Laboratories
AN839 SILABS-AN839 Datasheet
131Kb / 5P
Novel Current-Sense Measurement with Automatic Offset Correction
logo
Texas Instruments
INA240-Q1 TI1-INA240-Q1 Datasheet
547Kb / 10P
Current-Sense Amplifier
logo
Linear Technology
LT6119-1 LINER-LT6119-1 Datasheet
337Kb / 28P
Current Sense Amplifier
logo
Semtech Corporation
TS94033 SEMTECH-TS94033 Datasheet
1Mb / 10P
Current Sense Amplifier
logo
Silicon Supplies
SISA4080 SS-SISA4080 Datasheet
494Kb / 5P
Current Sense Amplifier
logo
Rohm
BD14210G-LA ROHM-BD14210G-LA Datasheet
983Kb / 19P
Current Sense Amplifier
03.Mar.2022 Rev.001
BD14210G-EVK-001 ROHM-BD14210G-EVK-001 Datasheet
668Kb / 4P
Current Sense Amplifier
Rev.001 Oct.2022
BD14215FVJ-LA ROHM-BD14215FVJ-LA Datasheet
1Mb / 19P
Current Sense Amplifier
06.Sep.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com