Electronic Components Datasheet Search
  English  ▼

X  

AN1690 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1690
Description  Fail-safe biasing for ST485EB
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1690 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1690 Datasheet HTML 3Page - STMicroelectronics AN1690 Datasheet HTML 4Page - STMicroelectronics AN1690 Datasheet HTML 5Page - STMicroelectronics AN1690 Datasheet HTML 6Page - STMicroelectronics AN1690 Datasheet HTML 7Page - STMicroelectronics AN1690 Datasheet HTML 8Page - STMicroelectronics AN1690 Datasheet HTML 9Page - STMicroelectronics AN1690 Datasheet HTML 10Page - STMicroelectronics AN1690 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AN1690
DC terminated fail-safe resistor value calculations
7/15
5
DC terminated fail-safe resistor value calculations
The external resistors are selected so that they provide at least a 200 mV bias across the
line, without excessively loading the active driver. In addition, some other conditions should
be met:
●
The pull-up (Ra) and pull-down (Rc) resistors should be of equal value in order to load
the driver outputs symmetrically.
●
Termination resistor (Rd) should match the characteristic impedance (Zo) of the line
cable, in order to avoid signal reflections.
●
At the other end of the cable, the equivalent resistance of Ra, Rb, and Rc should also
match the characteristic impedance of the line. In the following Figure 7, the equivalent
resistance is Rb II (Ra+Rc), which means Rb must be greater than Zo and Rd.
Figure 7.
External fail-safe and line DC termination resistors
The fail-safe bias Vid is the voltage drop across the line. Therefore, the fail-safe bias is
simply a voltage divider between Rb II Rd, Ra and Rc. Note that this formula neglects cable
resistance, and that Rb is parallel to Rd (Rb II Rd).
The choice of resistors must take into account other factors such as power supply voltage
tolerance and resistor tolerance, so that under worst case conditions, Vid is greater than
200 mV.
5.1
Example calculation
For this example, based on Figure 7, we assume that the cable has a characteristic
impedance Zo=120
Ωand that the power supply voltage Vcc is 5 V. We also assume that Rb
and Rd are equal and their value matches Zo (Rb=Rd=Zo=120
Ω).
●
Calculate the equivalent resistance of Rb II Rd. Rt = 120 II 120 = 60
Ω.
●
Calculate Ra and Rc for a Vid = 200 mV.
–
Vid = Vcc (Rt/(Rt+Ra+Rc)). Solving for Ra+Rc
–
Ra+Rc = ((Vcc)Rt/Vid)-Rt. Ra+Rc = ((5 V)60
Ω/0.2 V)-60 Ω = 1440 Ω.
–
Ra = Rc = 720
Ω
●
Recalculate the equivalent termination resistance at the end of the cable.
Req = Rb II (Ra+Rc). Rb = 120 II (720+720) = 110
Ω. This value is close (<10%) to the
characteristic impedance Zo. However Req could be matched to Zo by setting the
following equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com