Electronic Components Datasheet Search
  English  ▼

X  

AN1690 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1690
Description  Fail-safe biasing for ST485EB
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1690 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1690 Datasheet HTML 1Page - STMicroelectronics AN1690 Datasheet HTML 2Page - STMicroelectronics AN1690 Datasheet HTML 3Page - STMicroelectronics AN1690 Datasheet HTML 4Page - STMicroelectronics AN1690 Datasheet HTML 5Page - STMicroelectronics AN1690 Datasheet HTML 6Page - STMicroelectronics AN1690 Datasheet HTML 7Page - STMicroelectronics AN1690 Datasheet HTML 8Page - STMicroelectronics AN1690 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AN1690
Data transmission protocol
5/15
3
Data transmission protocol
One of the most well known formats for low speed data transmission is the UART timing
format. It is an asynchronous protocol, typically composed of 12 bits. The timing sequence
starts with a transition from high to low. Next there are 9 data bits (8 data bits plus a parity
bit). Finally, the line remains high for one or two bits, which represents the end of the
character.
Figure 3.
Asynchronous UART sequence format
In a multipoint application, when no more data has to be sent, the line should remain high
until the next start bit. Since the active driver is disabled, and all other drivers are off, this is
not easy to achieve.
One way to solve this problem is the use of an alternate protocol (software solution). The
other way is to use fail-safe biasing (hardware solution).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com