Electronic Components Datasheet Search
  English  ▼

X  

AN1690 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1690
Description  Fail-safe biasing for ST485EB
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1690 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1690 Datasheet HTML 6Page - STMicroelectronics AN1690 Datasheet HTML 7Page - STMicroelectronics AN1690 Datasheet HTML 8Page - STMicroelectronics AN1690 Datasheet HTML 9Page - STMicroelectronics AN1690 Datasheet HTML 10Page - STMicroelectronics AN1690 Datasheet HTML 11Page - STMicroelectronics AN1690 Datasheet HTML 12Page - STMicroelectronics AN1690 Datasheet HTML 13Page - STMicroelectronics AN1690 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Fail-safe in multipoint transmission buses
AN1690
10/15
7
Fail-safe in multipoint transmission buses
As discussed in the example of the calculation for fail-safe resistors, when calculating their
values, the following conditions must be satisfied:
●
The driver must be able to develop a differential output voltage Vod >=1.5 V
The excessively low resistance of the pull resistors could affect the driver differential output
voltage. In a multipoint application, where up to 32 transceivers could be connected in
parallel to the transmission line (Figure 9), the differential output voltage drops, due to the
equivalent input impedance of all the receivers connected. A minimum input impedance of
12 k
Ω for each receiver is required, so in the worst case of a fully loaded network (32 unit
loads) the equivalent resistance seen by the active driver is (12 k
Ω / 32) = 375 Ω.
Figure 9.
Multipoint transmission line with ST485EB
This value should be reduced in order to take into account that there are 31 drivers in a high
impedance state, each with a leakage current. However in the ST485EB device this current
is less than 10 µA, so its effect can be neglected. With regard to the ground shift, the
previous schematic can be modelled as shown in Figure 10, in order to verify the driver
output voltage capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com