Electronic Components Datasheet Search
  English  ▼

X  

AN1690 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1690
Description  Fail-safe biasing for ST485EB
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1690 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1690 Datasheet HTML 7Page - STMicroelectronics AN1690 Datasheet HTML 8Page - STMicroelectronics AN1690 Datasheet HTML 9Page - STMicroelectronics AN1690 Datasheet HTML 10Page - STMicroelectronics AN1690 Datasheet HTML 11Page - STMicroelectronics AN1690 Datasheet HTML 12Page - STMicroelectronics AN1690 Datasheet HTML 13Page - STMicroelectronics AN1690 Datasheet HTML 14Page - STMicroelectronics AN1690 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AN1690
Fail-safe circuit comparisons with ST485EB
11/15
Figure 10.
Equivalent test circuit for a fully loaded network
This test was performed on the ST485EB driver. The resistor values were:
●
Ra = Rc = 500
Ω
●
Rb = 60
Ω
With the common mode voltage Vcm varied from -7 to +7 V, the device meets the 1.5 V
minimum differential voltage (Vod).
8
Fail-safe circuit comparisons with ST485EB
The following measurements were performed with two ST485EB devices connected in
point-to-point configuration across a twisted pair cable of 1 m length. Table 1 summarizes
the DC characteristics with different termination circuits.
Note:
Vcc=5 V
Vcm= -7 to
+7V
Vcc2
Vcc1
ST485
Driver
Rb
Ra
Rc
375
375
32 unit loads
Vod
Vcm= -7 to
+7V
Vcc2
Vcc1
ST485
Driver
Rb
Ra
Rc
375
375
32 unit loads
Vod
EB
Table 1.
DC fail-safe characteristics
Schematic
Ra=Rc (
Ω)Rb (Ω)
C (nF)
Vid (mV)
Fail-safe
current (mA)
Receiver output state
No termination
-
-
-
1430
-
Fixed high (internal fail-
safe)
DC termination
-
120
-
1.45
-
Undefined
Fail-safe DC
termination
500
120
-
280
4.72
Fixed high
Fail-safe AC
termination
22 k
Ω
120
100
4040
0.0316
Fixed high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com