Electronic Components Datasheet Search
  English  ▼

X  

AN1690 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1690
Description  Fail-safe biasing for ST485EB
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1690 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1690 Datasheet HTML 1Page - STMicroelectronics AN1690 Datasheet HTML 2Page - STMicroelectronics AN1690 Datasheet HTML 3Page - STMicroelectronics AN1690 Datasheet HTML 4Page - STMicroelectronics AN1690 Datasheet HTML 5Page - STMicroelectronics AN1690 Datasheet HTML 6Page - STMicroelectronics AN1690 Datasheet HTML 7Page - STMicroelectronics AN1690 Datasheet HTML 8Page - STMicroelectronics AN1690 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Overview
AN1690
4/15
1
Overview
In a point-to-point configuration (such as the RS-422 standard) the driver is normally always
enabled.
The bus can remain only in the HIGH or LOW state (the bus is always biased). In a
multipoint application, when more than one driver is physically connected to the bus and
only one driver at a time is enabled during data transmission, all the drivers can be disabled
when there is no data to send. In this case there is no bus biasing (undefined state). Fail-
safe biasing solves this problem providing the bus with a proper known state. This
application note describes the topic of fail-safe biasing.
2
Bus states
When a bus is driven by an active driver, it can be in one of two states, either high or low. It
can also be kept in one of these states by external pull-up resistors that provide the
necessary voltage to get a known bus state. The undefined state in RS-485 standard buses
occurs every time the differential voltage is less than +/-200 mV. In Figure 2 the bus is driven
from low to high and is then disabled. The bus, however, remains high due to external fail-
safe biasing.
Figure 2.
Differential plot for driver outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com