Electronic Components Datasheet Search
  English  ▼

X  

AN1690 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1690
Description  Fail-safe biasing for ST485EB
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1690 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1690 Datasheet HTML 4Page - STMicroelectronics AN1690 Datasheet HTML 5Page - STMicroelectronics AN1690 Datasheet HTML 6Page - STMicroelectronics AN1690 Datasheet HTML 7Page - STMicroelectronics AN1690 Datasheet HTML 8Page - STMicroelectronics AN1690 Datasheet HTML 9Page - STMicroelectronics AN1690 Datasheet HTML 10Page - STMicroelectronics AN1690 Datasheet HTML 11Page - STMicroelectronics AN1690 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DC terminated fail-safe resistor value calculations
AN1690
8/15
Equation 1
Then
Equation 2
●
The calculated values for Ra and Rc could be slightly decreased to provide a
Vid >200 mV, and to meet the worst case power supply and resistor tolerance
conditions. Then Ra and Rc could be 500
Ω. However the value of Ra and Rc should
not be reduced too low in order to minimize the driver loading when the driver is active.
An active driver is required to create a minimum of 1.5 V across the cable termination.
The use of low resistance pull resistors makes this voltage more difficult to meet.
Zo
Rb
Ra
Rc
+
()
||
=
Rb
131
Ω
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com