Electronic Components Datasheet Search
  English  ▼

X  

AN2451 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2451
Description  ST7540 FSK powerline transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2451 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2451 Datasheet HTML 3Page - STMicroelectronics AN2451 Datasheet HTML 4Page - STMicroelectronics AN2451 Datasheet HTML 5Page - STMicroelectronics AN2451 Datasheet HTML 6Page - STMicroelectronics AN2451 Datasheet HTML 7Page - STMicroelectronics AN2451 Datasheet HTML 8Page - STMicroelectronics AN2451 Datasheet HTML 9Page - STMicroelectronics AN2451 Datasheet HTML 10Page - STMicroelectronics AN2451 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
AN2451
Electrical characteristics
Doc ID 12791 Rev 3
7/55
1
Electrical characteristics
Table 1.
Electrical characteristics of the ST7540 reference design
Parameter
Test conditions
Value
Unit
Min
Typ
Max
Operating conditions
Ambient operating temperature
If ST7540 junction temperature
exceeds 180 °C device shuts
down
85
°C
Transceiver section transmitting specifications (Tx mode)
Selected channel frequency
FSK carrier
72
kHz
Transmitting output voltage level at mains output
R7 = 47kΩ, R8 = 15kΩ – See
Table 2
22.25
V rms
Transmitting output current limit
R6=1.1kΩ – See Figure 2
500
mA rms
2nd harmonic distortion
at mains output
Loaded with CISPR 16-1
network
-55
dBC
3rd harmonic distortion
at mains output
Loaded with CISPR 16-1
network
-61
50Hz attenuation
100
dB
Receiving specifications (Rx mode)
Minimum detectable Rx signal
BER<10-3, negligible noise
48
dBµV rms
Auxiliary supply
5 V regulated voltage
ST7540 internally generated
-5%
5.05
+5%
V
5 V current capability
50
mA
3.3 V regulated voltage
ST7540 internally generated
-5%
3.3
+5%
V
3.3 V current capability
50
mA
Power supply section
AC mains voltage range
85
265
V
Mains frequency
50-60
Hz
Output voltage
Green led ON
-10%
12.3
+10%
V
Output voltage ripple
Iout = 500 mA, Vin=85 Vac
1
%
Peak output current
500
mA
Output power
5.6
W
Efficiency at Pout=3.5W
70
%
Nominal transformer isolation*
Primary to secondary/
secondary to auxiliary
4
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com