Electronic Components Datasheet Search
  English  ▼

X  

AN2451 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN2451
Description  ST7540 FSK powerline transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2451 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN2451 Datasheet HTML 37Page - STMicroelectronics AN2451 Datasheet HTML 38Page - STMicroelectronics AN2451 Datasheet HTML 39Page - STMicroelectronics AN2451 Datasheet HTML 40Page - STMicroelectronics AN2451 Datasheet HTML 41Page - STMicroelectronics AN2451 Datasheet HTML 42Page - STMicroelectronics AN2451 Datasheet HTML 43Page - STMicroelectronics AN2451 Datasheet HTML 44Page - STMicroelectronics AN2451 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
AN2451
Performance and ping tests
Doc ID 12791 Rev 3
41/55
6
Performance and ping tests
Our evaluation system includes a ping test embedded into the ST7540 powerline modem
demonstration kit and the FW of the EVALCOMMBOARD. This feature allows the user to
perform in-field communication tests and to evaluate reachability of PLC network nodes.
A ping session is based on a master board sending a sequence of messages to one or more
slave boards. if the messages are correctly received by the slave boards, they are resent
one by one to the master.
The PC connected to the master keeps statistics of the messages sent and correctly
received by the slave boards, thus making it possible to get a numerical evaluation of the
reachability of each node corresponding to a slave.
Figure 39 represents the ping window of the ST7540 powerline modem demonstration kit for
the master node. The main characteristics of this tool are indicated in red.
Figure 39.
ST7540 powerline modem demonstration kit window for the master board
Special controls are included in the ping test:
●
Repetition control: may be used to improve communication reliability. When repetition
control is enabled, a message not responded by a slave is resent up to three times
before sending a new message
●
Medium access control: defines what type of medium access has to be used. Choices
are “none”, “BU” or “PD”. In the last two cases, messages are sent to the slave only if
the BU or CD/PD lines of the ST7540 modem are not active. If the PD setting is
selected, the content of the ST7540 internal control register is changed to select
“Preamble” as the detection method.
For further details about ST7540 powerline modem demonstration kit, please refer to the
user manual UM0239 “ST7540 power line modem demo kit graphical user interface”.
Repetition
Control
Medium
Access
Control
Last
Message
Status
Numerical
Statistics
Graphical
Statistics
Number of
Slaves
(up to 255)
Number of
Messages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com