Electronic Components Datasheet Search
  English  ▼

X  

AN2451 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2451
Description  ST7540 FSK powerline transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2451 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2451 Datasheet HTML 24Page - STMicroelectronics AN2451 Datasheet HTML 25Page - STMicroelectronics AN2451 Datasheet HTML 26Page - STMicroelectronics AN2451 Datasheet HTML 27Page - STMicroelectronics AN2451 Datasheet HTML 28Page - STMicroelectronics AN2451 Datasheet HTML 29Page - STMicroelectronics AN2451 Datasheet HTML 30Page - STMicroelectronics AN2451 Datasheet HTML 31Page - STMicroelectronics AN2451 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
Board description
AN2451
28/55
Doc ID 12791 Rev 3
Figure 21.
Measured BER vs. SNR curve (typical), white noise
For narrow-band interference tests, two types of interfering noise have been used: a pure
sinusoidal tone and an amplitude-modulated signal (modulating signal 1 kHz, modulation
depth 80%). In both cases, the amplitude of the noise signal (of the carrier, for modulated
signal) has been decreased until the measured BER was lower than 10-3 (one error every
1000 transmitted bits).
Figure 22 shows SNR vs. frequency curves for both a pure sinusoidal and an AM modulated
interferer.
Figure 22.
SNR vs. frequency curve (typical) at BER = 10-3
BER vs. Signal to Noise Ratio
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
1.00E-01
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
S/N
S/N @ CISPR
S/N @ Rx_IN
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
30
40
50
60
70
80
90
100
110
120
frequency [kHz]
No modulation
AM 1kHz 80%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com