Electronic Components Datasheet Search
  English  ▼

X  

AN2451 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2451
Description  ST7540 FSK powerline transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2451 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2451 Datasheet HTML 25Page - STMicroelectronics AN2451 Datasheet HTML 26Page - STMicroelectronics AN2451 Datasheet HTML 27Page - STMicroelectronics AN2451 Datasheet HTML 28Page - STMicroelectronics AN2451 Datasheet HTML 29Page - STMicroelectronics AN2451 Datasheet HTML 30Page - STMicroelectronics AN2451 Datasheet HTML 31Page - STMicroelectronics AN2451 Datasheet HTML 32Page - STMicroelectronics AN2451 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
AN2451
Board description
Doc ID 12791 Rev 3
29/55
5.3
Thermal design
All heat dissipation is based on the heat exchange between the ST7540 IC, the PCB and the
surrounding environment.
A large PCB copper area under the device is recommended to make an easier heat transfer
from the ST7540 to the environment. The metallic slug under the device (exposed pad of
HTSSOP28 package) must be properly soldered to the copper area on the PCB top side, as
recommended in the datasheet.
The large ground layer on the bottom side of the board must be connected to the top side
layer through multiple via holes.
In the case of ST7540 reference design, an area of about 0.2 cm2 is put on the PCB top side
for exposed pad soldering, while ground layer dissipating area on the bottom side is nearly
1.5 cm2.
Figure 23.
PCB copper dissipating area for ST7540 reference design board
Even if the ST7540 features a built-in thermal shutdown circuitry which turns off the power
amplifier (PA) when the die temperature (TJ) exceeds 170 °C. It is however recommended
not to exceed 125 °C during normal operating conditions to ensure the functionality of the
IC.
The relationship between junction temperature TJ and power dissipation during
transmission PD is described by the following formula:
Equation 7
where TA is the ambient temperature (from -45 to +85 °C) and θJA is the junction to ambient
thermal impedance of the ST7540 IC, which is related to the length of the transmission (tTX)
and to the duty cycle d = tPKT / (tPKT + tIDLE), assuming a packet-fragmented transmission
as illustrated by Figure 24.
Top layer
Bottom layer
Copper area
Soldering area
Multiple Via Holes
Large GND layer
T
J tTX d
,
()
T
A
P
D
θ
JA
•
t
TX d
,
()
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com