Electronic Components Datasheet Search
  English  ▼

X  

AN2451 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN2451
Description  ST7540 FSK powerline transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2451 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN2451 Datasheet HTML 42Page - STMicroelectronics AN2451 Datasheet HTML 43Page - STMicroelectronics AN2451 Datasheet HTML 44Page - STMicroelectronics AN2451 Datasheet HTML 45Page - STMicroelectronics AN2451 Datasheet HTML 46Page - STMicroelectronics AN2451 Datasheet HTML 47Page - STMicroelectronics AN2451 Datasheet HTML 48Page - STMicroelectronics AN2451 Datasheet HTML 49Page - STMicroelectronics AN2451 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
Application ideas
AN2451
46/55
Doc ID 12791 Rev 3
topologies mainly include cost optimization, eliminating the need for isolation components,
and circuit simplicity.
Figure 46.
Example schematic for non-isolated solution
7.5
DC powerline applications
The ST7540 reference design can be adapted to communicate over a DC power line. In this
case, the schematic of Figure 46 has to be referred to as line coupling, with two
modifications: L7 can be removed and the C23 capacitor can be substituted with a lower
voltage ceramic component.
A DC-DC converter will substitute the ac-dc SMPS. For example, the L5970 DC-DC step-
down switching regulator can be used in case of 24 V bus to obtain the 12 V supply for the
ST7540 device.
7.6
110 and 132.5 kHz coupling circuit
In this paragraph application circuits for CENELEC band B and C are provided. The 110 and
132.5 kHz channels of the ST7540 transceiver are suitable for home automation
applications and in general for applications not subject to the European AMR regulations.
Figure 47 and Figure 48 show the schematics for the line coupling interface tuned
respectively to the 110 and 132.5 kHz channels.
 
3
1
2
D1 0
BA T54S /SOT
PA_ OU T
R17
47 0
VC C
VD C
L6
220 uH
Rx _I N
R2 1
2k7
C26
22 n F
L5
47 uH
C23
10 0nF
P
N
VC C
C2 2
10uF
L7
1 m H
3
1
2
D8
BAT54S/ SOT
D9
S M6T12 C A
C27
10 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com