Electronic Components Datasheet Search
  English  ▼

X  

UM0759 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0759
Description  L9958 evaluation board and graphical user interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0759 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0759 Datasheet HTML 8Page - STMicroelectronics UM0759 Datasheet HTML 9Page - STMicroelectronics UM0759 Datasheet HTML 10Page - STMicroelectronics UM0759 Datasheet HTML 11Page - STMicroelectronics UM0759 Datasheet HTML 12Page - STMicroelectronics UM0759 Datasheet HTML 13Page - STMicroelectronics UM0759 Datasheet HTML 14Page - STMicroelectronics UM0759 Datasheet HTML 15Page - STMicroelectronics UM0759 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
General description
UM0759
12/26
Doc ID 16058 Rev 2
3.1.8
BOM of L9958 evaluation board
3.2
ST10F276 evaluation board configuration
The ST10F276 is configured as 64 MHz CPU clock, and the configuration is shown in
following table:
Connect PC COM port to ST10 UART0, PC COM port can be configured by GUI.
Table 3.
Bill of material
Comment
Description
Designator
Footprint
Quantity
100µF 50V
100uF
C1
Cap (50V 100µF)
1
1µF
Capacitor (Semiconductor SIM
Model)
C2
C0805
1
100nF
Capacitor (Semiconductor SIM
Model)
C3, C4, C5
C0805
3
10µF
Capacitor
C6
RAD-0.1
1
10nF
Capacitor (Semiconductor SIM
Model)
C7, C8
C0805
2
connector1
-
DC1, DC2, GND, V+
Connector1
4
Jpin
DI, DIR, EN, VDDIO
GNDpin, J1, J2, J3, J4
Jpin
5
22k
Semiconductor resistor
R1, R2
2012[0805]
2
10k
Semiconductor resistor
R3
2012[0805]
1
1k
Semiconductor resistor
R4, R5, R6, R7, R9, R10, R11,
R12
2012[0805]
8
testpoint
-
t1, t2, t3, t4, t5, t6, t7, t8, t9
testpoint
9
39V
-
TD39V
transil diode
1
L9958
-
u1
PowerSO20
1
connector2
X1
u4
HDR34X4
1
Table 4.
ST10F276 configuration
B1
B2
B3
B4
B5
B6
B7
B8
S3 configuration
off
off
off
off
off
off
on
off
S4 configuration
on
off
on
on
on
off
on
off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com