Electronic Components Datasheet Search
  English  ▼

X  

UM0759 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0759
Description  L9958 evaluation board and graphical user interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0759 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0759 Datasheet HTML 15Page - STMicroelectronics UM0759 Datasheet HTML 16Page - STMicroelectronics UM0759 Datasheet HTML 17Page - STMicroelectronics UM0759 Datasheet HTML 18Page - STMicroelectronics UM0759 Datasheet HTML 19Page - STMicroelectronics UM0759 Datasheet HTML 20Page - STMicroelectronics UM0759 Datasheet HTML 21Page - STMicroelectronics UM0759 Datasheet HTML 22Page - STMicroelectronics UM0759 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
UM0759
General description
Doc ID 16058 Rev 2
19/26
BREAK key
The key only works at CLICKED (Rising edge), that is to say the un-clicked action (fall edge)
didn't change the direction status. When the "BREAK" was clicked, the duty-cycle of L9958
PWM was 0%, PWM=0, the status of bridge was freewheeling Low (as Table 2 above).
From the GUI side, when "BREAK" was clicked, the "Reverse Key" or "Forward Key" was
reset, and the motor display field was shown as below:
Figure 19.
Freewheeling direction of motor control
“Diagnostic reset" button
The action clicked the "Diagnostic Reset" button (
) will only reset SPI
Menu field and SPI Diagnosis Indication field to the default value shown as Figure 3.
"Reset ST10" button
The action clicked the "Reset ST10" button (
) will soft reset ST10 and configure
ST10 DIO, SPI and CC.
Function configuration field
The function configuration field consists of four parts: Port Configuration, Rx Error, Exit
button, Continue Diagnosis switch, as shown below:
Figure 20.
Function configure field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com