Electronic Components Datasheet Search
  English  ▼

X  

UM0759 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0759
Description  L9958 evaluation board and graphical user interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0759 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0759 Datasheet HTML 12Page - STMicroelectronics UM0759 Datasheet HTML 13Page - STMicroelectronics UM0759 Datasheet HTML 14Page - STMicroelectronics UM0759 Datasheet HTML 15Page - STMicroelectronics UM0759 Datasheet HTML 16Page - STMicroelectronics UM0759 Datasheet HTML 17Page - STMicroelectronics UM0759 Datasheet HTML 18Page - STMicroelectronics UM0759 Datasheet HTML 19Page - STMicroelectronics UM0759 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
General description
UM0759
16/26
Doc ID 16058 Rev 2
Figure 12.
SPI control area
After configured SPI menu, the configured SPI command will be displayed at "SPI Control
Data Display" area and automatically sent to L9958.
Figure 13.
SPI control data display
More information about SPI configuration protocol, please refer to L9958 datasheet.
Motor control command field
This field was purposed for controlling motor command: PWM duty-cycle, PWM Frequency,
motor direction control and break control.
Figure 14.
Motor control command field
Disable/EN switch
The EN and DI input signal of L9958 to make the bridge tri-state or on-state is controlled by
key,
key and
key.
When toggle these keys, DIR, EN and DI is automatically controlled by PC software, and the
will display the status of EN, DIR, DI pins.
The control logic is shown in Table 2: more information, please refer to L9958 datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com